Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F44J10 Datasheet(PDF) 79 Page - Microchip Technology

Part # PIC18F44J10
Description  28/40/44-Pin High-Performance, RISC Microcontrollers
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F44J10 Datasheet(HTML) 79 Page - Microchip Technology

Back Button PIC18F44J10 Datasheet HTML 75Page - Microchip Technology PIC18F44J10 Datasheet HTML 76Page - Microchip Technology PIC18F44J10 Datasheet HTML 77Page - Microchip Technology PIC18F44J10 Datasheet HTML 78Page - Microchip Technology PIC18F44J10 Datasheet HTML 79Page - Microchip Technology PIC18F44J10 Datasheet HTML 80Page - Microchip Technology PIC18F44J10 Datasheet HTML 81Page - Microchip Technology PIC18F44J10 Datasheet HTML 82Page - Microchip Technology PIC18F44J10 Datasheet HTML 83Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 368 page
background image
© 2009 Microchip Technology Inc.
DS39682E-page 77
PIC18F45J10 FAMILY
7.5
Writing to Flash Program Memory
The minimum programming block is 32 words or
64 bytes. Word or byte programming is not supported.
Table writes are used internally to load the holding
registers needed to program the Flash memory. There
are 64 holding registers used by the table writes for
programming.
Since the Table Latch (TABLAT) is only a single byte, the
TBLWT
instruction may need to be executed 64 times for
each programming operation. All of the table write
operations will essentially be short writes because only
the holding registers are written. At the end of updating
the 64 holding registers, the EECON1 register must be
written to in order to start the programming operation
with a long write.
The long write is necessary for programming the inter-
nal Flash. Instruction execution is halted while in a long
write cycle. The long write will be terminated by the
internal programming timer.
The EEPROM on-chip timer controls the write time.
The write/erase voltages are generated by an on-chip
charge pump, rated to operate over the voltage range
of the device.
FIGURE 7-5:
TABLE WRITES TO FLASH PROGRAM MEMORY
7.5.1
FLASH PROGRAM MEMORY WRITE
SEQUENCE
The sequence of events for programming an internal
program memory location should be:
1.
If the section of program memory to be written to
has been programmed previously, then the
memory will need to be erased before the write
occurs (see Section 7.4.1 “Flash Program
Memory Erase Sequence”
).
2.
Write the 64 bytes into the holding registers with
auto-increment.
3.
Set the EECON1 register for the write operation:
• set WREN to enable byte writes.
4.
Disable interrupts.
5.
Write 55h to EECON2.
6.
Write 0AAh to EECON2.
7.
Set the WR bit. This will begin the write cycle.
8.
The CPU will stall for duration of the write (about
2 ms using internal timer).
9.
Re-enable interrupts.
10. Verify the memory (table read).
An example of the required code is shown in
Example 7-3.
Note:
Unlike previous devices, the PIC18F45J10
family of devices does not reset the holding
registers after a write occurs. The holding
registers must be cleared or overwritten
before a programming sequence.
In order to maintain the endurance of the
cells, each Flash byte should not be
programmed more then twice between
erase operations. Either a Bulk or Row
Erase of the target row is required before
attempting to modify the contents a third
time.
TABLAT
TBLPTR = xxxx3F
TBLPTR = xxxxx1
TBLPTR = xxxxx0
Write Register
TBLPTR = xxxxx2
Program Memory
Holding Register
Holding Register
Holding Register
Holding Register
8
8
8
8
Note:
Before setting the WR bit, the Table
Pointer address needs to be within the
intended address range of the 64 bytes in
the holding register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com