Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F44J10 Datasheet(PDF) 52 Page - Microchip Technology

Part # PIC18F44J10
Description  28/40/44-Pin High-Performance, RISC Microcontrollers
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F44J10 Datasheet(HTML) 52 Page - Microchip Technology

Back Button PIC18F44J10 Datasheet HTML 48Page - Microchip Technology PIC18F44J10 Datasheet HTML 49Page - Microchip Technology PIC18F44J10 Datasheet HTML 50Page - Microchip Technology PIC18F44J10 Datasheet HTML 51Page - Microchip Technology PIC18F44J10 Datasheet HTML 52Page - Microchip Technology PIC18F44J10 Datasheet HTML 53Page - Microchip Technology PIC18F44J10 Datasheet HTML 54Page - Microchip Technology PIC18F44J10 Datasheet HTML 55Page - Microchip Technology PIC18F44J10 Datasheet HTML 56Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 368 page
background image
PIC18F45J10 FAMILY
DS39682E-page 50
© 2009 Microchip Technology Inc.
TRISE
PIC18F2XJ10 PIC18F4XJ10
0000 -111
1111 -111
uuuu -uuu
TRISD
PIC18F2XJ10 PIC18F4XJ10
1111 1111
1111 1111
uuuu uuuu
TRISC
PIC18F2XJ10 PIC18F4XJ10
1111 1111
1111 1111
uuuu uuuu
TRISB
PIC18F2XJ10 PIC18F4XJ10
1111 1111
1111 1111
uuuu uuuu
TRISA
PIC18F2XJ10 PIC18F4XJ10
--1- 1111
--1- 1111
--u- uuuu
SSP2BUF
PIC18F2XJ10 PIC18F4XJ10
xxxx xxxx
uuuu uuuu
uuuu uuuu
LATE
PIC18F2XJ10 PIC18F4XJ10
---- -xxx
---- -uuu
---- -uuu
LATD
PIC18F2XJ10 PIC18F4XJ10
xxxx xxxx
uuuu uuuu
uuuu uuuu
LATC
PIC18F2XJ10 PIC18F4XJ10
xxxx xxxx
uuuu uuuu
uuuu uuuu
LATB
PIC18F2XJ10 PIC18F4XJ10
xxxx xxxx
uuuu uuuu
uuuu uuuu
LATA
PIC18F2XJ10 PIC18F4XJ10
--xx xxxx
--uu uuuu
--uu uuuu
SSP2ADD
PIC18F2XJ10 PIC18F4XJ10
0000 0000
0000 0000
uuuu uuuu
SSP2STAT
PIC18F2XJ10 PIC18F4XJ10
0000 0000
0000 0000
uuuu uuuu
SSP2CON1
PIC18F2XJ10 PIC18F4XJ10
0000 0000
0000 0000
uuuu uuuu
SSP2CON2
PIC18F2XJ10 PIC18F4XJ10
0000 0000
0000 0000
uuuu uuuu
PORTE
PIC18F2XJ10 PIC18F4XJ10
---- -xxx
---- -uuu
---- -uuu
PORTD
PIC18F2XJ10 PIC18F4XJ10
xxxx xxxx
uuuu uuuu
uuuu uuuu
PORTC
PIC18F2XJ10 PIC18F4XJ10
xxxx xxxx
uuuu uuuu
uuuu uuuu
PORTB
PIC18F2XJ10 PIC18F4XJ10
xxxx xxxx
uuuu uuuu
uuuu uuuu
PORTA
PIC18F2XJ10 PIC18F4XJ10
--0- 0000
--0- 0000
--u- uuuu
TABLE 5-2:
INITIALIZATION CONDITIONS FOR ALL REGISTERS (CONTINUED)
Register
Applicable Devices
Power-on Reset,
Brown-out Reset
MCLR Resets,
WDT Reset,
RESET
Instruction,
Stack Resets,
CM Resets
Wake-up via WDT
or Interrupt
Legend: u
= unchanged, x = unknown, - = unimplemented bit, read as ‘0’, q = value depends on condition.
Shaded cells indicate conditions do not apply for the designated device.
Note 1:
When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the TOSU, TOSH and TOSL are
updated with the current value of the PC. The STKPTR is modified to point to the next location in the
hardware stack.
2:
When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the PC is loaded with the interrupt
vector (0008h or 0018h).
3:
One or more bits in the INTCONx or PIRx registers will be affected (to cause wake-up).
4:
See Table 5-1 for Reset value for specific condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com