Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F44J10 Datasheet(PDF) 94 Page - Microchip Technology

Part # PIC18F44J10
Description  28/40/44-Pin High-Performance, RISC Microcontrollers
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F44J10 Datasheet(HTML) 94 Page - Microchip Technology

Back Button PIC18F44J10 Datasheet HTML 90Page - Microchip Technology PIC18F44J10 Datasheet HTML 91Page - Microchip Technology PIC18F44J10 Datasheet HTML 92Page - Microchip Technology PIC18F44J10 Datasheet HTML 93Page - Microchip Technology PIC18F44J10 Datasheet HTML 94Page - Microchip Technology PIC18F44J10 Datasheet HTML 95Page - Microchip Technology PIC18F44J10 Datasheet HTML 96Page - Microchip Technology PIC18F44J10 Datasheet HTML 97Page - Microchip Technology PIC18F44J10 Datasheet HTML 98Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 368 page
background image
PIC18F45J10 FAMILY
DS39682E-page 92
© 2009 Microchip Technology Inc.
9.4
IPR Registers
The IPR registers contain the individual priority bits for
the peripheral interrupts. Due to the number of
peripheral interrupt sources, there are three Peripheral
Interrupt Priority registers (IPR1, IPR2, IPR3). Using
the priority bits requires that the Interrupt Priority
Enable (IPEN) bit be set.
REGISTER 9-10:
IPR1: PERIPHERAL INTERRUPT PRIORITY REGISTER 1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
PSPIP(1)
ADIP
RCIP
TXIP
SSP1IP
CCP1IP
TMR2IP
TMR1IP
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
PSPIP:
Parallel Slave Port Read/Write Interrupt Priority bit(1)
1
=High priority
0
= Low priority
bit 6
ADIP:
A/D Converter Interrupt Priority bit
1
=High priority
0
= Low priority
bit 5
RCIP:
EUSART Receive Interrupt Priority bit
1
=High priority
0
= Low priority
bit 4
TXIP:
EUSART Transmit Interrupt Priority bit
1
=High priority
0
= Low priority
bit 3
SSP1IP:
Master Synchronous Serial Port 1 Interrupt Priority bit
1
=High priority
0
= Low priority
bit 2
CCP1IP:
ECCP1/CCP1 Interrupt Priority bit
1
=High priority
0
= Low priority
bit 1
TMR2IP:
TMR2 to PR2 Match Interrupt Priority bit
1
=High priority
0
= Low priority
bit 0
TMR1IP:
TMR1 Overflow Interrupt Priority bit
1
=High priority
0
= Low priority
Note 1:
This bit is not implemented on 28-pin devices and should be read as ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com