Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F44J10 Datasheet(PDF) 46 Page - Microchip Technology

Part # PIC18F44J10
Description  28/40/44-Pin High-Performance, RISC Microcontrollers
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F44J10 Datasheet(HTML) 46 Page - Microchip Technology

Back Button PIC18F44J10 Datasheet HTML 42Page - Microchip Technology PIC18F44J10 Datasheet HTML 43Page - Microchip Technology PIC18F44J10 Datasheet HTML 44Page - Microchip Technology PIC18F44J10 Datasheet HTML 45Page - Microchip Technology PIC18F44J10 Datasheet HTML 46Page - Microchip Technology PIC18F44J10 Datasheet HTML 47Page - Microchip Technology PIC18F44J10 Datasheet HTML 48Page - Microchip Technology PIC18F44J10 Datasheet HTML 49Page - Microchip Technology PIC18F44J10 Datasheet HTML 50Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 368 page
background image
PIC18F45J10 FAMILY
DS39682E-page 44
© 2009 Microchip Technology Inc.
5.5
Configuration Mismatch (CM)
The Configuration Mismatch (CM) Reset is designed to
detect and attempt to recover from random, memory
corrupting events. These include Electrostatic Discharge
(ESD) events, which can cause widespread, single-bit
changes throughout the device and result in catastrophic
failure.
In PIC18FXXJ Flash devices, the device Configuration
registers (located in the configuration memory space)
are continuously monitored during operation by
comparing their values to complimentary shadow reg-
isters. If a mismatch is detected between the two sets
of registers, a CM Reset automatically occurs. These
events are captured by the CM bit (RCON<5>). The
state of the bit is set to ‘0’ whenever a CM event occurs;
it does not change for any other Reset event.
A CM Reset behaves similarly to a Master Clear Reset,
RESET
instruction, WDT time-out or Stack Event
Resets. As with all hard and power Reset events, the
device Configuration Words are reloaded from the
Flash Configuration Words in program memory as the
device restarts.
5.6
Power-up Timer (PWRT)
PIC18F45J10 family devices incorporate an on-chip
Power-up Timer (PWRT) to help regulate the Power-on
Reset process. The PWRT is always enabled. The
main function is to ensure that the device voltage is
stable before code is executed.
The Power-up Timer (PWRT) of the PIC18F45J10
family devices is an 11-bit counter which uses the
INTRC source as the clock input. This yields an
approximate time interval of 2048 x 32
μs= 65.6 ms.
While the PWRT is counting, the device is held in
Reset.
The power-up time delay depends on the INTRC clock
and will vary from chip to chip due to temperature and
process variation. See DC parameter 33 for details.
5.6.1
TIME-OUT SEQUENCE
If enabled, the PWRT time-out is invoked after the POR
pulse has cleared. The total time-out will vary based on
the status of the PWRT. Figure 5-3, Figure 5-4,
Figure 5-5
and
Figure 5-6
all
depict
time-out
sequences on power-up with the Power-up Timer
enabled.
Since the time-outs occur from the POR pulse, if MCLR
is kept low long enough, the PWRT will expire. Bringing
MCLR
high
will
begin
execution
immediately
(Figure 5-5). This is useful for testing purposes, or to
synchronize more than one PIC18F device operating in
parallel.
FIGURE 5-3:
TIME-OUT SEQUENCE ON POWER-UP (MCLR TIED TO VDD, VDD RISE < TPWRT)
TPWRT
VDD
MCLR
INTERNAL POR
PWRT TIME-OUT
INTERNAL RESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com