Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F44J10 Datasheet(PDF) 96 Page - Microchip Technology

Part # PIC18F44J10
Description  28/40/44-Pin High-Performance, RISC Microcontrollers
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F44J10 Datasheet(HTML) 96 Page - Microchip Technology

Back Button PIC18F44J10 Datasheet HTML 92Page - Microchip Technology PIC18F44J10 Datasheet HTML 93Page - Microchip Technology PIC18F44J10 Datasheet HTML 94Page - Microchip Technology PIC18F44J10 Datasheet HTML 95Page - Microchip Technology PIC18F44J10 Datasheet HTML 96Page - Microchip Technology PIC18F44J10 Datasheet HTML 97Page - Microchip Technology PIC18F44J10 Datasheet HTML 98Page - Microchip Technology PIC18F44J10 Datasheet HTML 99Page - Microchip Technology PIC18F44J10 Datasheet HTML 100Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 368 page
background image
PIC18F45J10 FAMILY
DS39682E-page 94
© 2009 Microchip Technology Inc.
9.5
RCON Register
The RCON register contains bits used to determine the
cause of the last Reset or wake-up from Idle or Sleep
modes. RCON also contains the bit that enables
interrupt priorities (IPEN).
REGISTER 9-13:
RCON: RESET CONTROL REGISTER
R/W-0
U-0
R/W-1
R/W-1
R-1
R-1
R/W-0
R/W-0
IPEN
—CM
RI
TO
PD
POR
BOR
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
IPEN:
Interrupt Priority Enable bit
1
= Enable priority levels on interrupts
0
= Disable priority levels on interrupts (PIC16CXXX Compatibility mode)
bit 6
Unimplemented:
Read as ‘0’
bit 5
CM:
Configuration Mismatch Flag bit
For details of bit operation, see Register 5-1.
bit 4
RI: RESET
Instruction Flag bit
For details of bit operation, see Register 5-1.
bit 3
TO:
Watchdog Timer Time-out Flag bit
For details of bit operation, see Register 5-1.
bit 2
PD:
Power-Down Detection Flag bit
For details of bit operation, see Register 5-1.
bit 1
POR:
Power-on Reset Status bit
For details of bit operation, see Register 5-1.
bit 0
BOR:
Brown-out Reset Status bit
For details of bit operation, see Register 5-1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com