Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F44J10 Datasheet(PDF) 222 Page - Microchip Technology

Part # PIC18F44J10
Description  28/40/44-Pin High-Performance, RISC Microcontrollers
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F44J10 Datasheet(HTML) 222 Page - Microchip Technology

Back Button PIC18F44J10 Datasheet HTML 218Page - Microchip Technology PIC18F44J10 Datasheet HTML 219Page - Microchip Technology PIC18F44J10 Datasheet HTML 220Page - Microchip Technology PIC18F44J10 Datasheet HTML 221Page - Microchip Technology PIC18F44J10 Datasheet HTML 222Page - Microchip Technology PIC18F44J10 Datasheet HTML 223Page - Microchip Technology PIC18F44J10 Datasheet HTML 224Page - Microchip Technology PIC18F44J10 Datasheet HTML 225Page - Microchip Technology PIC18F44J10 Datasheet HTML 226Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 222 / 368 page
background image
PIC18F45J10 FAMILY
DS39682E-page 220
© 2009 Microchip Technology Inc.
18.1
A/D Acquisition Requirements
For the A/D converter to meet its specified accuracy,
the charge holding capacitor (CHOLD) must be allowed
to fully charge to the input channel voltage level. The
analog input model is shown in Figure 18-2. The
source impedance (RS) and the internal sampling
switch (RSS) impedance directly affect the time
required to charge the capacitor CHOLD. The sampling
switch (RSS) impedance varies over the device voltage
(VDD). The source impedance affects the offset voltage
at the analog input (due to pin leakage current). The
maximum recommended impedance for analog
sources is 2.5 k
Ω. After the analog input channel is
selected (changed), the channel must be sampled for
at least the minimum acquisition time before starting a
conversion.
To
calculate
the
minimum
acquisition
time,
Equation 18-1 may be used. This equation assumes
that 1/2 LSb error is used (1024 steps for the A/D). The
1/2 LSb error is the maximum error allowed for the A/D
to meet its specified resolution.
Equation 18-3 shows the calculation of the minimum
required acquisition time, TACQ. This calculation is
based
on
the
following
application
system
assumptions:
CHOLD
=25 pF
Rs
=
2.5 k
Ω
Conversion Error
≤
1/2 LSb
VDD
=3V
→ Rss = 2 kΩ
Temperature
=
85
°C (system max.)
EQUATION 18-1:
ACQUISITION TIME
EQUATION 18-2:
A/D MINIMUM CHARGING TIME
EQUATION 18-3:
CALCULATING THE MINIMUM REQUIRED ACQUISITION TIME
Note:
When the conversion is started, the
holding capacitor is disconnected from the
input pin.
TACQ
=
Amplifier Settling Time + Holding Capacitor Charging Time + Temperature Coefficient
=TAMP + TC + TCOFF
VHOLD
=
(VREF – (VREF/2048)) • (1 – e(-T
C
/CHOLD(RIC + RSS + RS)))
or
TC
=
-(CHOLD)(RIC + RSS + RS) ln(1/2048)
TACQ
=TAMP + TC + TCOFF
TAMP
=0.2
μs
TCOFF
=
(Temp – 25
°C)(0.02 μs/°C)
(85
°C – 25°C)(0.02 μs/°C)
1.2
μs
Temperature coefficient is only required for temperatures > 25
°C. Below 25°C, TCOFF = 0 ms.
TC
=
-(CHOLD)(RIC + RSS + RS) ln(1/2048)
μs
-(25 pF) (1 k
Ω + 2 kΩ + 2.5 kΩ) ln(0.0004883) μs
1.05
μs
TACQ
=0.2
μs + 1 μs + 1.2 μs
2.4
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com