Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F44J10 Datasheet(PDF) 151 Page - Microchip Technology

Part # PIC18F44J10
Description  28/40/44-Pin High-Performance, RISC Microcontrollers
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F44J10 Datasheet(HTML) 151 Page - Microchip Technology

Back Button PIC18F44J10 Datasheet HTML 147Page - Microchip Technology PIC18F44J10 Datasheet HTML 148Page - Microchip Technology PIC18F44J10 Datasheet HTML 149Page - Microchip Technology PIC18F44J10 Datasheet HTML 150Page - Microchip Technology PIC18F44J10 Datasheet HTML 151Page - Microchip Technology PIC18F44J10 Datasheet HTML 152Page - Microchip Technology PIC18F44J10 Datasheet HTML 153Page - Microchip Technology PIC18F44J10 Datasheet HTML 154Page - Microchip Technology PIC18F44J10 Datasheet HTML 155Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 368 page
background image
© 2009 Microchip Technology Inc.
DS39682E-page 149
PIC18F45J10 FAMILY
16.0
MASTER SYNCHRONOUS
SERIAL PORT (MSSP)
MODULE
16.1
Master SSP (MSSP) Module
Overview
The Master Synchronous Serial Port (MSSP) module is
a serial interface, useful for communicating with other
peripheral or microcontroller devices. These peripheral
devices may be serial EEPROMs, shift registers,
display drivers, A/D converters, etc. The MSSP module
can operate in one of two modes:
• Serial Peripheral Interface (SPI)
• Inter-Integrated Circuit (I2C™)
- Full Master mode
- Slave mode (with general address call)
The I2C interface supports the following modes in
hardware:
•Master mode
• Multi-Master mode
• Slave mode
PIC18F24J10/25J10 (28-pin) devices have one MSSP
module designated as MSSP1. PIC18F44J10/45J10
(40/44-pin) devices have two MSSP modules,
designated as MSSP1 and MSSP2. Each module
operates independently of the other.
16.2
Control Registers
Each MSSP module has three associated control
registers. These include a status register (SSPxSTAT)
and two control registers (SSPxCON1 and SSPxCON2).
The use of these registers and their individual configura-
tion bits differ significantly depending on whether the
MSSP module is operated in SPI or I2C mode.
Additional details are provided under the individual
sections.
16.3
SPI Mode
The SPI mode allows 8 bits of data to be synchronously
transmitted and received simultaneously. All four
modes of SPI are supported. To accomplish
communication, typically three pins are used:
• Serial Data Out (SDOx) – RC5/SDO1 or
RD2/PSP2/SDO2
• Serial Data In (SDIx) – RC4/SDI1/SDA1 or
RD1/PSP1/SDI2/SDA2
• Serial Clock (SCKx) – RC3/SCK1/SCL1 or
RD0/PSP0/SCK2/SCL2
Additionally, a fourth pin may be used when in a Slave
mode of operation:
• Slave Select (SSx) – RA5/AN4/SS1/C2OUT or
RD3/PSP3/SS2
Figure 16-1 shows the block diagram of the MSSP
module when operating in SPI mode.
FIGURE 16-1:
MSSP BLOCK DIAGRAM
(SPI MODE)
Note:
Throughout this section, generic refer-
ences to an MSSP module in any of its
operating modes may be interpreted as
being equally applicable to MSSP1 or
MSSP2. Register names and module I/O
signals use the generic designator ‘x’ to
indicate the use of a numeral to distinguish
a particular module, when required.
Control bit names are not individuated.
Note:
Disabling the MSSP module by clearing
the SSPEN (SSPxCON1<5>) bit may not
reset the module. It is recommended to
clear the SSPxSTAT, SSPxCON1 and
SSPxCON2 registers and select the mode
prior to setting the SSPEN bit to enable
the MSSP module.
Note:
In devices with more than one MSSP
module, it is very important to pay close
attention to SSPxCON register names.
SSP1CON1 and SSP1CON2 control
different operational aspects of the same
module,
while
SSP1CON1
and
SSP2CON1 control the same features for
two different modules.
Read
Write
Internal
Data Bus
SSPxSR reg
SSPM<3:0>
bit 0
Shift
Clock
SSx Control
Enable
Clock Select
TMR2 Output
TOSC
Prescaler
4, 16, 64
2
Edge
Select
2
4
Data to TX/RX in SSPxSR
TRIS bit
2
SMP:CKE
SDOx
SSPxBUF reg
SDIx
SSx
SCKx
Note:
Only port I/O names are used in this diagram for the sake
of brevity. Refer to the text for a full list of multiplexed
functions.
Edge Select
(
)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com