Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJG1663K44 Datasheet(PDF) 10 Page - New Japan Radio

Part # NJG1663K44
Description  X-SP4T SWITCH GaAs MMIC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1663K44 Datasheet(HTML) 10 Page - New Japan Radio

Back Button NJG1663K44 Datasheet HTML 4Page - New Japan Radio NJG1663K44 Datasheet HTML 5Page - New Japan Radio NJG1663K44 Datasheet HTML 6Page - New Japan Radio NJG1663K44 Datasheet HTML 7Page - New Japan Radio NJG1663K44 Datasheet HTML 8Page - New Japan Radio NJG1663K44 Datasheet HTML 9Page - New Japan Radio NJG1663K44 Datasheet HTML 10Page - New Japan Radio NJG1663K44 Datasheet HTML 11Page - New Japan Radio NJG1663K44 Datasheet HTML 12Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
NJG1663K44
- 10 -
APPLICATION CIRCUIT
(Top View)
PARTS LIST
Part ID
Value
Notes
C1~C10
56pF
C11
1000pF
MURATA
(GRM15)
2
3
14
15
14
16
13
12
11
10
9
8
7
6
5
DECODER
P4A
P4B
P3A
P3B
PCA
PCB
P2B
P2A
P1A
P1B
CTL1
CTL2
VDD
C7
C8
C9
C10
C1
C2
C3
C4
C5
C6
C11
0/1.8V
0/1.8V
2.7V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com