Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJG1663K44 Datasheet(PDF) 11 Page - New Japan Radio

Part # NJG1663K44
Description  X-SP4T SWITCH GaAs MMIC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1663K44 Datasheet(HTML) 11 Page - New Japan Radio

Back Button NJG1663K44 Datasheet HTML 4Page - New Japan Radio NJG1663K44 Datasheet HTML 5Page - New Japan Radio NJG1663K44 Datasheet HTML 6Page - New Japan Radio NJG1663K44 Datasheet HTML 7Page - New Japan Radio NJG1663K44 Datasheet HTML 8Page - New Japan Radio NJG1663K44 Datasheet HTML 9Page - New Japan Radio NJG1663K44 Datasheet HTML 10Page - New Japan Radio NJG1663K44 Datasheet HTML 11Page - New Japan Radio NJG1663K44 Datasheet HTML 12Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
NJG1663K44
- 11 -
TEST PCB LAYOUT
(TOP VIEW)
Losses of PCB, capacitors and connectors
PRECAUTIONS
[1]
The DC blocking capacitors (C1~C10) have to be placed at RF terminal of PCA, PCB, P1A, P2A, P3A, P4A, P1B,
P2B, P3B, and P4B.
[2]
To reduce strip line influence on RF characteristics, please locate bypass capacitor (C11) close to VDD terminal.
[3]
For good isolation, the GND terminal must be connected to the ground plane of substrate, and through-holes for
GND should be placed near by the pin connection.
PCB:
FR-4, t=0.2mm
Capacitor Size:
1005
Strip Line Width: 0.4mm
PCB Size:
53 x 40mm
C11
C6
C5
C4
C2
C1
C10
PCA
C9
PCB
P1B
P1A
P2A
P2B
P3B
P3A
P4B
P4A
C8
C7
C3
Paths
Frequency (GHz)
Loss (dB)
1.0
0.49
2.0
0.79
PCA-P1A, PCB-P1B
PCA-P3A, PCB-P3B
2.7
0.98
1.0
0.45
2.0
0.77
PCA-P2A, PCB-P2B
PCA-P4A, PCB-P4B
2.7
0.95



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com