Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJG1663K44 Datasheet(PDF) 4 Page - New Japan Radio

Part # NJG1663K44
Description  X-SP4T SWITCH GaAs MMIC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1663K44 Datasheet(HTML) 4 Page - New Japan Radio

  NJG1663K44 Datasheet HTML 1Page - New Japan Radio NJG1663K44 Datasheet HTML 2Page - New Japan Radio NJG1663K44 Datasheet HTML 3Page - New Japan Radio NJG1663K44 Datasheet HTML 4Page - New Japan Radio NJG1663K44 Datasheet HTML 5Page - New Japan Radio NJG1663K44 Datasheet HTML 6Page - New Japan Radio NJG1663K44 Datasheet HTML 7Page - New Japan Radio NJG1663K44 Datasheet HTML 8Page - New Japan Radio NJG1663K44 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
NJG1663K44
- 4 -
TERMINAL INFORMATION
No.
SYMBOL
DESCRIPTION
1
P2B
The 2nd RF port of the 2nd switch. This port is connected with PCB port. PCA
port is connected with P2A port at the same time. An external capacitor is
required to block DC voltage.
2
P2A
The 2nd RF port of the 1st switch. This port is connected with PCA port. PCB
port is connected with P2B port at the same time. An external capacitor is
required to block DC voltage.
3
P1A
The 1st RF port of the 1st switch. This port is connected with PCA port. PCB
port is connected with P1B port at the same time. An external capacitor is
required to block DC voltage.
4
P1B
The 1st RF port of the 2nd switch. This port is connected with PCB port. PCA
port is connected with P1A port at the same time. An external capacitor is
required to block DC voltage.
5
GND
Ground terminal. Please connect this terminal with ground plane as close as
possible for excellent RF performance.
6
PCB
Common RF port of the 2nd switch. This port is connected with either of P1B,
P2B, P3B, and P4B port. An external capacitor is required to block DC
voltage.
7
PCA
Common RF port of the 1st switch. This port is connected with either of P1A,
P2A, P3A, and P4A port. An external capacitor is required to block DC
voltage.
8
GND
Ground terminal. Please connect this terminal with ground plane as close as
possible for excellent RF performance.
9
VDD
Positive voltage supply terminal. The positive voltage (+1.5~+4.5V) has to be
supplied. Please connect a bypass capacitor with GND terminal for excellent
RF performance.
10
CTL2
Control signal input terminal.
This terminal is set to High-Level (+1.3V~4.5V)
or Low-Level (0~+0.4V).
11
CTL1
Control signal input terminal.
This terminal is set to High-Level (+1.3V~4.5V)
or Low-Level (0~+0.4V).
12
GND
Ground terminal. Please connect this terminal with ground plane as close as
possible for excellent RF performance.
13
P4A
The 4th RF port of the 1st switch. This port is connected with PCA port. PCB
port is connected with P4B port at the same time. An external capacitor is
required to block DC voltage.
14
P4B
The 4th RF port of the 2nd switch. This port is connected with PCB port. PCA
port is connected with P4A port at the same time. An external capacitor is
required to block DC voltage.
15
P3A
The 3rd RF port of the 1st switch. This port is connected with PCA port. PCB
port is connected with P3B port at the same time. An external capacitor is
required to block DC voltage.
16
P3B
The 3rd RF port of the 2nd switch. This port is connected with PCB port. PCA
port is connected with P3A port at the same time. An external capacitor is
required to block DC voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com