Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJG1663K44 Datasheet(PDF) 2 Page - New Japan Radio

Part # NJG1663K44
Description  X-SP4T SWITCH GaAs MMIC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1663K44 Datasheet(HTML) 2 Page - New Japan Radio

  NJG1663K44 Datasheet HTML 1Page - New Japan Radio NJG1663K44 Datasheet HTML 2Page - New Japan Radio NJG1663K44 Datasheet HTML 3Page - New Japan Radio NJG1663K44 Datasheet HTML 4Page - New Japan Radio NJG1663K44 Datasheet HTML 5Page - New Japan Radio NJG1663K44 Datasheet HTML 6Page - New Japan Radio NJG1663K44 Datasheet HTML 7Page - New Japan Radio NJG1663K44 Datasheet HTML 8Page - New Japan Radio NJG1663K44 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
NJG1663K44
- 2 -
ABSOLUTE MAXIMUM RATINGS
(Ta=+25°C, Zs=Zl=50Ω)
PARAMETER
SYMBOL
CONDITIONS
RATINGS
UNITS
RF Input Power
PIN
VDD =2.7V, VCTL=0V/1.8V
28
dBm
Supply Voltage
VDD
VDD terminal
5.0
V
Control Voltage
VCTL
CTL1,CTL2 terminals
5.0
V
Power Dissipation
PD
Four-layer FR4 PCB (50mmx50mm),
Tj=150°C
1300
mW
Operating Temp.
Topr
-40~+85
°C
Storage Temp.
Tstg
-55~+150
°C
ELECTRICAL CHARACTERISTICS
(General conditions: Ta=+25°C, Zs=Zl=50Ω, VDD=2.7V, VCTL(L)=0V, VCTL(H)=1.8V, with application circuit)
PARAMETERS
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VDD
1.5
2.7
4.5
V
Operating Current
IDD
PIN=0dBm
-
30
60
μA
Control Voltage (LOW)
VCTL(L)
0
0
0.4
V
Control Voltage (HIGH)
VCTL(H)
1.3
1.8
4.5
V
Control Current
ICTL
f=1.0GHz, PIN=0dBm
-
5
10
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com