Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJG1663K44 Datasheet(PDF) 5 Page - New Japan Radio

Part # NJG1663K44
Description  X-SP4T SWITCH GaAs MMIC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1663K44 Datasheet(HTML) 5 Page - New Japan Radio

  NJG1663K44 Datasheet HTML 1Page - New Japan Radio NJG1663K44 Datasheet HTML 2Page - New Japan Radio NJG1663K44 Datasheet HTML 3Page - New Japan Radio NJG1663K44 Datasheet HTML 4Page - New Japan Radio NJG1663K44 Datasheet HTML 5Page - New Japan Radio NJG1663K44 Datasheet HTML 6Page - New Japan Radio NJG1663K44 Datasheet HTML 7Page - New Japan Radio NJG1663K44 Datasheet HTML 8Page - New Japan Radio NJG1663K44 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
NJG1663K44
- 5 -
ELECTRICAL CHARACTERISTICS
(General conditions: Ta=+25°C, Zs=Zl=50Ω, losses of external circuit are excluded, with application circuit)
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
PCA-P1A
PCB-P1B
Insertion Loss vs. Frequency
(V
DD
=2.7V, CTL1=1.8V, CTL2=0V)
Frequency (GHz)
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
PCA-P2A
PCB-P2B
Insertion Loss vs. Frequency
(V
DD
=2.7V, CTL1=0V, CTL2=0V)
Frequency (GHz)
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
PCA-P3A
PCB-P3B
Insertion Loss vs. Frequency
(V
DD
=2.7V, CTL1=0V, CTL2=1.8V)
Frequency (GHz)
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
PCA-P4A
PCB-P4B
Insertion Loss vs. Frequency
(V
DD
=2.7V, CTL1=1.8V, CTL2=1.8V)
Frequency (GHz)
1.0
1.5
2.0
2.5
3.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
PCA Port
P1A Port
PCB Port
P1B Port
VSWR vs. Frequency
(V
DD
=2.7V, CTL1=1.8V, CTL2=0V)
Frequency (GHz)
1.0
1.5
2.0
2.5
3.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
PCA Port
P2A Port
PCB Port
P2B Port
VSWR vs. Frequency
(V
DD
=2.7V, CTL1=0V, CTL2=0V)
Frequency (GHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com