Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJG1663K44 Datasheet(PDF) 1 Page - New Japan Radio

Part # NJG1663K44
Description  X-SP4T SWITCH GaAs MMIC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1663K44 Datasheet(HTML) 1 Page - New Japan Radio

  NJG1663K44 Datasheet HTML 1Page - New Japan Radio NJG1663K44 Datasheet HTML 2Page - New Japan Radio NJG1663K44 Datasheet HTML 3Page - New Japan Radio NJG1663K44 Datasheet HTML 4Page - New Japan Radio NJG1663K44 Datasheet HTML 5Page - New Japan Radio NJG1663K44 Datasheet HTML 6Page - New Japan Radio NJG1663K44 Datasheet HTML 7Page - New Japan Radio NJG1663K44 Datasheet HTML 8Page - New Japan Radio NJG1663K44 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
NJG1663K44
- 1 -
Ver. 2009-11-10
X-SP4T SWITCH GaAs MMIC
GENERAL DESCRIPTION
PACKAGE OUTLINE
The NJG1663K44 is a X (Cross) -SP4T* switch GaAs MMIC, which is
suitable for switching of balanced bandpass filters. The NJG1663K44
features very low phase error between on-state paths, low insertion loss,
low control voltage and wide frequency coverage. The ESD protection
circuits are integrated in the IC to achieve high ESD tolerance.
The very small
and very thin QFN16-44 package is adopted.
*) X-SP4T is a paired SP4T switch controlled synchronously. The X-SP4T includes two
SP4T switches whose RF lines have crossings inside the MMIC.
FEATURES
Low phase error
±5 deg @f=2.0GHz
Low operation voltage
VDD=+1.5~+4.5V
Low control voltage
VCTL(H)=+1.3V min.
Low insertion loss
0.45dB typ. @1.0GHz,
0.55dB typ. @2.0GHz
High isolation
26dB typ.
@1.0GHz,
20dB typ.
@2.0GHz
High ESD tolerance
Integrated ESD protection circuit
Small and thin package
QFN16-44 (Package size: 2.3mm x 2.3mm x 0.45mm typ)
Lead and halogen-free
PIN CONFIGURATION
TRUTH TABLE
“H”=VCTL(H), “L”=VCTL(L)
ON PATH
CTL1
CTL2
PCA-P1A, PCB-P1B
H
L
PCA-P2A, PCB-P2B
L
L
PCA-P3A, PCB-P3B
L
H
PCA-P4A, PCB-P4B
H
H
NJG1663K44
Pin connection
1.
P2B
10. CTL2
2.
P2A
11. CTL1
3.
P1A
12. GND
4.
P1B
13. P4A
5.
GND
14. P4B
6.
PCB
15. P3A
7.
PCA
16. P3B
8.
GND
9.
VDD
(Top View)
2
3
14
15
14
16
13
12
11
10
9
8
7
6
5
DECODER
Note: The Information on this datasheet will be subject to change without notice.


Similar Part No. - NJG1663K44

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1660HA8 NJRC-NJG1660HA8 Datasheet
363Kb / 7P
SPDT SWITCH GaAs MMIC
logo
Nisshinbo Micro Devices...
NJG1660HA8 NISSHINBO-NJG1660HA8 Datasheet
349Kb / 8P
SPDT SWITCH GaAs MMIC
Ver.2013-05-07
logo
New Japan Radio
NJG1662MD7 NJRC-NJG1662MD7 Datasheet
214Kb / 8P
X-SPDT SWITCH GaAs MMIC
NJG1665MD7 NJRC-NJG1665MD7 Datasheet
248Kb / 7P
SP5T SWITCH GaAs MMIC
logo
Nisshinbo Micro Devices...
NJG1665MD7 NISSHINBO-NJG1665MD7 Datasheet
287Kb / 8P
SP5T SWITCH GaAs MMIC
Ver. 2013-05-02
More results

Similar Description - NJG1663K44

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC165S14 HITTITE-HMC165S14 Datasheet
62Kb / 4P
GaAS MMIC SP4T SWITCH DC TO 2.0 GHz
logo
New Japan Radio
NJG1655SCC NJRC-NJG1655SCC Datasheet
170Kb / 8P
X-SP3T SWITCH GaAs MMIC
NJG1662MD7 NJRC-NJG1662MD7 Datasheet
214Kb / 8P
X-SPDT SWITCH GaAs MMIC
logo
Hittite Microwave Corpo...
HMC165S14 HITTITE-HMC165S14_01 Datasheet
192Kb / 6P
GaAs MMIC SP4T SWITCH DC - 2.0 GHz
logo
New Japan Radio
NJG1519KC1 NJRC-NJG1519KC1 Datasheet
479Kb / 16P
SP4T SWITCH GaAs MMIC
NJG1655ME7 NJRC-NJG1655ME7 Datasheet
308Kb / 9P
X-SP3T SWITCH GaAs MMIC
logo
Hittite Microwave Corpo...
HMC944LC4 HITTITE-HMC944LC4 Datasheet
694Kb / 4P
GaAs MMIC SP4T REFLECTIVE SWITCH, 23 - 30 GHz
logo
New Japan Radio
NJG1684ME2 NJRC-NJG1684ME2 Datasheet
486Kb / 11P
HIGH POWER SP4T SWITCH GaAs MMIC
logo
Hittite Microwave Corpo...
HMC1084LC4 HITTITE-HMC1084LC4 Datasheet
1Mb / 6P
GaAs MMIC SP4T REFLECTIVE SWITCH 23 - 30 GHz
logo
M/A-COM Technology Solu...
MASW4060G MA-COM-MASW4060G Datasheet
97Kb / 3P
GaAs SP4T Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com