Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJG1663K44 Datasheet(PDF) 3 Page - New Japan Radio

Part # NJG1663K44
Description  X-SP4T SWITCH GaAs MMIC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1663K44 Datasheet(HTML) 3 Page - New Japan Radio

  NJG1663K44 Datasheet HTML 1Page - New Japan Radio NJG1663K44 Datasheet HTML 2Page - New Japan Radio NJG1663K44 Datasheet HTML 3Page - New Japan Radio NJG1663K44 Datasheet HTML 4Page - New Japan Radio NJG1663K44 Datasheet HTML 5Page - New Japan Radio NJG1663K44 Datasheet HTML 6Page - New Japan Radio NJG1663K44 Datasheet HTML 7Page - New Japan Radio NJG1663K44 Datasheet HTML 8Page - New Japan Radio NJG1663K44 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
NJG1663K44
- 3 -
ELECTRICAL CHARACTERISTICS
(General conditions: Ta=+25°C, Zs=Zl=50Ω, VDD=2.7V, VCTL(L)=0V, VCTL(H)=1.8V, with application circuit)
PARAMETERS
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Insertion Loss 1
LOSS1
f=1.0GHz, PIN=0dBm
-
0.45
0.65
dB
Insertion Loss 2
LOSS2
f=2.0GHz, PIN=0dBm
-
0.55
0.75
dB
Insertion Loss 3
LOSS3
f=2.7GHz, PIN=0dBm
-
0.80
1.00
dB
Isolation 1
ISL1
PCA-P1A, P2A, P3A, P4A
PCB-P1B, P2B, P3B, P4B
f=1.0GHz, PIN=0dBm
24
26
-
dB
Isolation 2
ISL2
PCA-P1A, P2A, P3A, P4A
PCB-P1B, P2B, P3B, P4B
f=2.0GHz, PIN=0dBm
17
20
-
dB
Isolation 3
ISL3
PCA-P1A, P2A, P3A, P4A
PCB-P1B, P2B, P3B, P4B
f=2.7GHz, PIN=0dBm
15
17
-
dB
Isolation 4
ISL4
PCA-PCB port
f=2.0GHz, PIN=0dBm
18
20
-
dB
Phase error
PE
f=2.0GHz, between ON
paths
-5
-
5
deg
Input power at 0.2dB
Compression Point
P-0.2dB
f=2.0GHz
20
23
-
dBm
VSWR
VSWRi
f=2.0GHz, On port
-
1.2
1.4
-
Switching time
TSW
50% VCTL to 10/90% RF
-
2
5
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com