Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJG1663K44 Datasheet(PDF) 6 Page - New Japan Radio

Part # NJG1663K44
Description  X-SP4T SWITCH GaAs MMIC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1663K44 Datasheet(HTML) 6 Page - New Japan Radio

Back Button NJG1663K44 Datasheet HTML 2Page - New Japan Radio NJG1663K44 Datasheet HTML 3Page - New Japan Radio NJG1663K44 Datasheet HTML 4Page - New Japan Radio NJG1663K44 Datasheet HTML 5Page - New Japan Radio NJG1663K44 Datasheet HTML 6Page - New Japan Radio NJG1663K44 Datasheet HTML 7Page - New Japan Radio NJG1663K44 Datasheet HTML 8Page - New Japan Radio NJG1663K44 Datasheet HTML 9Page - New Japan Radio NJG1663K44 Datasheet HTML 10Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
NJG1663K44
- 6 -
ELECTRICAL CHARACTERISTICS
(General conditions: Ta=+25°C, Zs=Zl=50Ω, losses of external circuit are excluded, with application circuit)
1.0
1.5
2.0
2.5
3.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
PCA Port
P3A Port
PCB Port
P3B Port
VSWR vs. Frequency
(V
DD
=2.7V, CTL1=0V, CTL2=1.8V)
Frequency (GHz)
1.0
1.5
2.0
2.5
3.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
PCA Port
P4A Port
PCB Port
P4B Port
VSWR vs. Frequency
(V
DD
=2.7V, CTL1=1.8V, CTL2=1.8V)
Frequency (GHz)
-50
-45
-40
-35
-30
-25
-20
-15
-10
0.0
0.5
1.0
1.5
2.0
2.5
3.0
PCA-PCB
PCA-P2A
PCA-P3A
PCA-P4A
PCB-P2B
PCB-P3B
PCB-P4B
Isolation vs. Frequency
(P1 ON, V
DD
=2.7V, CTL1=1.8V, CTL2=0V)
Frequency (GHz)
-50
-45
-40
-35
-30
-25
-20
-15
-10
0.0
0.5
1.0
1.5
2.0
2.5
3.0
PCA-PCB
PCA-P1A
PCA-P3A
PCA-P4A
PCB-P1B
PCB-P3B
PCB-P4B
Isolation vs. Frequency
(P2 ON, V
DD
=2.7V, CTL1=0V, CTL2=0V)
Frequency (GHz)
-50
-45
-40
-35
-30
-25
-20
-15
-10
0.0
0.5
1.0
1.5
2.0
2.5
3.0
PCA-PCB
PCA-P1A
PCA-P2A
PCA-P4A
PCB-P1B
PCB-P2B
PCB-P4B
Isolation vs. Frequency
(P3 ON, V
DD
=2.7V, CTL1=0V, CTL2=1.8V)
Frequency (GHz)
-50
-45
-40
-35
-30
-25
-20
-15
-10
0.0
0.5
1.0
1.5
2.0
2.5
3.0
PCA-PCB
PCA-P1A
PCA-P2A
PCA-P3A
PCB-P1B
PCB-P2B
PCB-P3B
Isolation vs. Frequency
(P4 ON, V
DD
=2.7V, CTL1=1.8V, CTL2=1.8V)
Frequency (GHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com