Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJG1663K44 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJG1663K44
Description  X-SP4T SWITCH GaAs MMIC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1663K44 Datasheet(HTML) 7 Page - New Japan Radio

Back Button NJG1663K44 Datasheet HTML 3Page - New Japan Radio NJG1663K44 Datasheet HTML 4Page - New Japan Radio NJG1663K44 Datasheet HTML 5Page - New Japan Radio NJG1663K44 Datasheet HTML 6Page - New Japan Radio NJG1663K44 Datasheet HTML 7Page - New Japan Radio NJG1663K44 Datasheet HTML 8Page - New Japan Radio NJG1663K44 Datasheet HTML 9Page - New Japan Radio NJG1663K44 Datasheet HTML 10Page - New Japan Radio NJG1663K44 Datasheet HTML 11Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
NJG1663K44
- 7 -
ELECTRICAL CHARACTERISTICS
(General conditions: Ta=+25°C, Zs=Zl=50Ω, losses of external circuit are excluded, with application circuit)
-6.0
-4.0
-2.0
0.0
2.0
4.0
6.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
PC-P1 Phase Error vs. Frequency
(PCA-P1A, PCB-P1B, V
DD
=2.7V, CTL1=1.8V, CTL2=0V)
Frequency (GHz)
-6.0
-4.0
-2.0
0.0
2.0
4.0
6.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
PC-P2 Phase Error vs. Frequency
(PCA-P2A, PCB-P2B, V
DD
=2.7V, CTL1=0V, CTL2=0V)
Frequency (GHz)
-6.0
-4.0
-2.0
0.0
2.0
4.0
6.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
PC-P3 Phase Error vs. Frequency
(PCA-P3A, PCB-P3B, V
DD
=2.7V, CTL1=0V, CTL2=1.8V)
Frequency (GHz)
-6.0
-4.0
-2.0
0.0
2.0
4.0
6.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
PC-P4 Phase Error vs. Frequency
(PCA-P4A, PCB-P4B, V
DD
=2.7V, CTL1=1.8V, CTL2=1.8V)
Frequency (GHz)
Switching Time
(PCA-P1A/P1B, V
DD
=2.7V, CTL2=0V)
CTL1
0.9
μs
P1A
Time (1
μs/div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com