Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCIMX515CJM6C Datasheet(PDF) 26 Page - Freescale Semiconductor, Inc

Part # PCIMX515CJM6C
Description  i.MX51 Applications Processors for Consumer and Industrial Products
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCIMX515CJM6C Datasheet(HTML) 26 Page - Freescale Semiconductor, Inc

Back Button PCIMX515CJM6C Datasheet HTML 22Page - Freescale Semiconductor, Inc PCIMX515CJM6C Datasheet HTML 23Page - Freescale Semiconductor, Inc PCIMX515CJM6C Datasheet HTML 24Page - Freescale Semiconductor, Inc PCIMX515CJM6C Datasheet HTML 25Page - Freescale Semiconductor, Inc PCIMX515CJM6C Datasheet HTML 26Page - Freescale Semiconductor, Inc PCIMX515CJM6C Datasheet HTML 27Page - Freescale Semiconductor, Inc PCIMX515CJM6C Datasheet HTML 28Page - Freescale Semiconductor, Inc PCIMX515CJM6C Datasheet HTML 29Page - Freescale Semiconductor, Inc PCIMX515CJM6C Datasheet HTML 30Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 184 page
background image
i.MX51 Applications Processors for Consumer and Industrial Products, Rev. 1
26
Freescale Semiconductor
Preliminary—Subject to Change Without Notice
Electrical Characteristics
3.3.6
eSDHCv2 Electrical I/O DC Parameters
This module is designed to interface with both low and high-voltage cards. See Table 8 for UHVIO
supply ranges. Table 18 lists the Module Name electrical DC characteristics.
Schmitt trigger VT– 1,2
VT–
—
—
—
0.5
× OVDD
V
I/O leakage current (no pull-up)
Iin
VI = OVDD or 0
—
—
TBD
μA
1 To maintain a valid level, the transitioning edge of the input must sustain a constant slew rate (monotonic) from the current
DC level through to the target DC level, VIL or VIH. Monotonic input transition time is from 0.1ns to 1s.
2 Hysteresis of 250 mV is guaranteed over all operating conditions when hysteresis is enabled.
Table 18. MMC/SD Interface Electrical Specification
Parameter
Min
Max
Unit
Condition/Remark
All Inputs
Input Leakage Current
–10
10
μA—
All Outputs
Output Leakage Current
–10
10
μA—
Power Supply
Power Up Time
—
250
ms
—
Supply Current
100
200
mA
—
Bus Signal Line Load
Pull-up Resistance
10
100
k
Ω
Internal Pull-up
Open Drain Resistance
NA
NA
k
Ω
For MMC cards only
External Loading Drive
40
—
pF
CMD/CLK/DAT0
–7 PADs must drive
external 40 pF loading in all working
conditions
Open Drain Signal Level
For MMC cards only
Output High Voltage
VDD –0.2
—
V
IOH = –100 µA
Output Low Voltage
—
0.3
V
IOL = 2 mA
Bus Signal Levels
Output HIGH Voltage
0.75
× VDD
—V
IOH = –100 µA @VDD min
Output LOW Voltage
—
0.125
× OVDD
V
IOL = 100 µA @VDD min
Input HIGH Voltage
0.625
× OVDD
OVDD + 0.3
V
—
Input LOW Voltage
GND –0.3
0.25
× OVDD
V
—
Table 17. I2C Standard/Fast/High-Speed Mode Electrical Parameters for Low/Medium Drive Strength
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com