Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCIMX515CJM6C Datasheet(PDF) 53 Page - Freescale Semiconductor, Inc

Part # PCIMX515CJM6C
Description  i.MX51 Applications Processors for Consumer and Industrial Products
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCIMX515CJM6C Datasheet(HTML) 53 Page - Freescale Semiconductor, Inc

Back Button PCIMX515CJM6C Datasheet HTML 49Page - Freescale Semiconductor, Inc PCIMX515CJM6C Datasheet HTML 50Page - Freescale Semiconductor, Inc PCIMX515CJM6C Datasheet HTML 51Page - Freescale Semiconductor, Inc PCIMX515CJM6C Datasheet HTML 52Page - Freescale Semiconductor, Inc PCIMX515CJM6C Datasheet HTML 53Page - Freescale Semiconductor, Inc PCIMX515CJM6C Datasheet HTML 54Page - Freescale Semiconductor, Inc PCIMX515CJM6C Datasheet HTML 55Page - Freescale Semiconductor, Inc PCIMX515CJM6C Datasheet HTML 56Page - Freescale Semiconductor, Inc PCIMX515CJM6C Datasheet HTML 57Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 184 page
background image
Electrical Characteristics
i.MX51 Applications Processors for Consumer and Industrial Products, Rev. 1
Freescale Semiconductor
53
Preliminary—Subject to Change Without Notice
3.6.8
SDRAM Controller Timing Parameters
3.6.8.1
Mobile DDR SDRAM Timing Parameters
Figure 29. Mobile DDR SDRAM Basic Timing Parameters
Table 42. Mobile DDR SDRAM Timing Parameter Table
ID
Parameter
Symbol
200 MHz
166 MHz
133 MHz
Unit
Min
Max
Min
Max
Min
Max
DD1
SDRAM clock high-level width
tCH
0.45
0.55
0.45
0.55
0.45
0.55
tCK
DD2
SDRAM clock low-level width
tCL
0.45
0.55
0.45
0.55
0.45
0.55
tCK
DD3
SDRAM clock cycle time
tCK
5—
6—
7.5
—
ns
DD4
CS, RAS, CAS, CKE, WE setup time
tIS1
1 This parameter is affected by pad timing. if the slew rate is < 1 V/ns, 0.2 ns should be added to the value. For cmos65 pads
this is true for medium and low drive strengths.
0.9
—
1.1
—
1.3
—
ns
DD5
CS, RAS, CAS, CKE, WE hold time
tIH1
0.9
—
1.1
—
1.3
—
ns
DD6
Address output setup time
tIS1
0.9
—
1.1
—
1.3
—
ns
DD7
Address output hold time
tIH1
0.9
—
1.1
—
1.3
—
ns
SDCLK
WE
ADDR
ROW/BA
COL/BA
CS
CAS
RAS
DD1
DD3
DD2
DD4
DD4
DD4
DD5
DD5
DD5
DD5
DD6
DD7
SDCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com