Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCIMX515CJM6C Datasheet(PDF) 42 Page - Freescale Semiconductor, Inc

Part # PCIMX515CJM6C
Description  i.MX51 Applications Processors for Consumer and Industrial Products
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCIMX515CJM6C Datasheet(HTML) 42 Page - Freescale Semiconductor, Inc

Back Button PCIMX515CJM6C Datasheet HTML 38Page - Freescale Semiconductor, Inc PCIMX515CJM6C Datasheet HTML 39Page - Freescale Semiconductor, Inc PCIMX515CJM6C Datasheet HTML 40Page - Freescale Semiconductor, Inc PCIMX515CJM6C Datasheet HTML 41Page - Freescale Semiconductor, Inc PCIMX515CJM6C Datasheet HTML 42Page - Freescale Semiconductor, Inc PCIMX515CJM6C Datasheet HTML 43Page - Freescale Semiconductor, Inc PCIMX515CJM6C Datasheet HTML 44Page - Freescale Semiconductor, Inc PCIMX515CJM6C Datasheet HTML 45Page - Freescale Semiconductor, Inc PCIMX515CJM6C Datasheet HTML 46Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 184 page
background image
i.MX51 Applications Processors for Consumer and Industrial Products, Rev. 1
42
Freescale Semiconductor
Preliminary—Subject to Change Without Notice
Electrical Characteristics
3.6.7
External Interface Module (WEIM)
3.6.7.1
WEIM Signal Cross Reference
Table 38 is a guide to help the user identify signals in the WEIM Chapter of the Reference Manual
Chapter that are the same as those mentioned in this data sheet.
NF21
WE high to RE low
tWHR
14T-5.45
14T-5.45
NF22
WE high to busy
tWB
6T
1
tDSR is calculated by the following formula:
Asymmetric mode:
tDSR = tREpd + tDpd + 1/2T - Tdl
2
Symmetric mode:
tDSR = tREpd + tDpd - Tdl2
tREpd + tDpd = 11.2 ns (including clock skew)
where tREpd is RE propogation delay in the chip including IO pad delay, and tDpd is Data propogation delay
from IO pad to EMI including IO pad delay.
tDSR can be used to determine tREA max parameter with the following formula: tREA = 1.5T - tDSR.
2
Tdl is composed of 4 delay-line units each generates an equal delay with min 1.25 ns and max 1 aclk
period (Taclk). Default is 1/4 aclk period for each delay-line unit, so all 4 delay lines together generates
a total of 1 aclk period. Taclk is “emi_slow_clk” of the system, which default value is 7.5 ns (133MHz).
3
NF17 is defined only in asymmetric operation mode.
NF17 max value is equivalent to max tRHZ value that can be used with NFC.
Taclk is “emi_slow_clk” of the system.
4
NF18 is defined only in Symmetric operation mode.
tDHR (MIN) is calculated by the following formula:
Tdl2 - (tREpd + tDpd)
where tREpd is RE propogation delay in the chip including IO pad delay, and tDpd is Data propogation delay
from IO pad to EMI including IO pad delay.
NF18 max value is equivalent to max tRHZ value that can be used with NFC.
Taclk is “emi_slow_clk” of the system.
Table 38. WEIM Signal Cross Reference
Reference Manual
WEIM Chapter Nomenclature
Data Sheet Nomenclature,
Reference Manual External Signals and Pin Multiplexing Chapter,
and IOMUX Controller Chapter Nomenclature
BCLK
EIM_BCLK
CSx
EIM_CSx
WE_B
EIM_RW
OE_B
EIM_OE
BEy_B
EIM_EBx
ADV
EIM_LBA
ADDR
EIM_A[27:16], EIM_DA[15:0]
ADDR/M_DATA
EIM_DAx (Addr/Data muxed mode)
Table 37. NFC—Timing Characteristics (continued)
ID
PARAMETER
Symbol
Asymmetric
Mode Min
Symmetric
Mode Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com