Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCIMX515CJM6C Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # PCIMX515CJM6C
Description  i.MX51 Applications Processors for Consumer and Industrial Products
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCIMX515CJM6C Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button PCIMX515CJM6C Datasheet HTML 12Page - Freescale Semiconductor, Inc PCIMX515CJM6C Datasheet HTML 13Page - Freescale Semiconductor, Inc PCIMX515CJM6C Datasheet HTML 14Page - Freescale Semiconductor, Inc PCIMX515CJM6C Datasheet HTML 15Page - Freescale Semiconductor, Inc PCIMX515CJM6C Datasheet HTML 16Page - Freescale Semiconductor, Inc PCIMX515CJM6C Datasheet HTML 17Page - Freescale Semiconductor, Inc PCIMX515CJM6C Datasheet HTML 18Page - Freescale Semiconductor, Inc PCIMX515CJM6C Datasheet HTML 19Page - Freescale Semiconductor, Inc PCIMX515CJM6C Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 184 page
background image
i.MX51 Applications Processors for Consumer and Industrial Products, Rev. 1
16
Freescale Semiconductor
Preliminary—Subject to Change Without Notice
Electrical Characteristics
Table 8. i.MX51 Operating Ranges
Symbol
Parameter
Minimum1
Nominal2
Maximum1
Unit
VDDGP
MCIMX51xD products
(Consumer)
ARM core supply voltage
0
≤ f
ARM
≤ 167 MHz
0.8
0.85
1.15
V
ARM core supply voltage
167
< f
ARM
≤ 800 MHz
1.05
1.1
1.15
V
ARM core supply voltage
Stop mode
0.83
0.85
1.15
V
VDDGP
MCIMX51xC products
(Industrial)
ARM core supply voltage
0
< f
ARM ≤ 600 MHz
TBD
1.0
TBD
V
ARM core supply voltage
Stop mode
TBD
0.95
TBD
V
VCC
MCIMX51xD products
(Consumer)
Peripheral supply voltage High Performance
Mode (HPM) The clock frequencies are derived
from AXI and AHB buses using 133 or 166 MHz
(as needed). The DDR clock rate is 200 MHz.
Note: For detailed information about the use of
133 or 166 MHz clocks, refer to the i.MX51
Reference Manual.
1.175
1.225
1.275
V
Peripheral supply voltage Low Performance
Mode (LPM) The clock frequencies are derived
from AXI and AHB buses at 44 MHz and a DDR
clock rate of DDR Clock/3. DDR2 does not
support frequencies below 125 MHz per
JEDEC.
1.00
1.05
1.275
V
Peripheral supply voltage—Stop mode
0.93
0.95
1.275
V
VCC
MCIMX51xC products
(Industrial)
Peripheral supply voltage High Performance
Mode (HPM) The clock frequencies are derived
from AXI and AHB buses using 133 or 166 MHz
(as needed). The DDR clock rate is 200 MHz.
Note: For detailed information about the use of
133 or 166 MHz clocks, refer to the i.MX51
Reference Manual.
TBD
1.225
TBD
V
Peripheral supply voltage—Stop mode
TBD
0.95
TBD
V
VDDA
Memory arrays voltage—Run Mode
1.15
1.20
1.275
V
Memory arrays voltage—Stop Mode
0.93
0.95
1.275
V
VDD_DIG_PLL_A
VDD_DIG_PLL_B
PLL Digital supplies
1.15
1.2
1.35
V
VDD_ANA_PLL_A
VDD_ANA_PLL_B
PLL Analog supplies
1.75
1.8
1.95
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com