Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCIMX515CJM6C Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # PCIMX515CJM6C
Description  i.MX51 Applications Processors for Consumer and Industrial Products
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCIMX515CJM6C Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  PCIMX515CJM6C Datasheet HTML 1Page - Freescale Semiconductor, Inc PCIMX515CJM6C Datasheet HTML 2Page - Freescale Semiconductor, Inc PCIMX515CJM6C Datasheet HTML 3Page - Freescale Semiconductor, Inc PCIMX515CJM6C Datasheet HTML 4Page - Freescale Semiconductor, Inc PCIMX515CJM6C Datasheet HTML 5Page - Freescale Semiconductor, Inc PCIMX515CJM6C Datasheet HTML 6Page - Freescale Semiconductor, Inc PCIMX515CJM6C Datasheet HTML 7Page - Freescale Semiconductor, Inc PCIMX515CJM6C Datasheet HTML 8Page - Freescale Semiconductor, Inc PCIMX515CJM6C Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 184 page
background image
© Freescale Semiconductor, Inc., 2009. All rights reserved.
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
Data Sheet: Advance Information
Document Number: IMX51CEC
Rev. 1, 11/2009
IMX51
Package Information
Plastic Package
Case 2058 13 x 13 mm, 0.5 mm pitch
Case 2017 19 x 19 mm, 0.8 mm pitch
Ordering Information
See Table 1 on page 3 for ordering information.
This document contains information on a new product. Specifications and information herein
are subject to change without notice.
1
Introduction
The i.MX51 multimedia applications processors
represent Freescale Semiconductor’s latest addition to a
growing family of multimedia-focused products offering
high performance processing optimized for lowest
power consumption.
The i.MX51 processors feature Freescale’s advanced
and power-efficient implementation of the ARM Cortex
A8™ core, which operates at speeds as high as
800 MHz. Up to 200 MHz DDR2 and mobile DDR
DRAM clock rates are supported. These devices are
suitable for applications such as the following:
•
Netbooks (web tablets)
•
Nettops (internet desktop devices)
•
Mobile internet devices (MID)
•
Portable media players (PMP)
•
Portable navigation devices (PND)
•
High-end PDAs
•
Gaming consoles
•
Automotive navigation and entertainment (see
automotive data sheet, IMX51AEC)
i.MX51 Applications
Processors for Consumer and
Industrial Products
1
Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
1.1
Ordering Information . . . . . . . . . . . . . . . . . . . . . . . . 3
1.2
Block Diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
2
Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
2.1
Special Signal Considerations. . . . . . . . . . . . . . . . 12
3
Electrical Characteristics. . . . . . . . . . . . . . . . . . . . . . . . . 14
3.1
Chip-Level Conditions . . . . . . . . . . . . . . . . . . . . . . 14
3.2
Supply Power-Up/Power-Down Requirements and
Restrictions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
3.3
I/O DC Parameters . . . . . . . . . . . . . . . . . . . . . . . . 21
3.4
Output Buffer Impedance Characteristics . . . . . . . 28
3.5
I/O AC Parameters . . . . . . . . . . . . . . . . . . . . . . . . 31
3.6
Module Timing. . . . . . . . . . . . . . . . . . . . . . . . . . . . 36
3.7
External Peripheral Interfaces . . . . . . . . . . . . . . . . 60
4
Package Information and Contact Assignments . . . . . . 137
4.1
13
× 13 mm Package Information . . . . . . . . . . . . 137
4.2
19
× 19 mm Package Information . . . . . . . . . . . . 156
4.3
13
× 13 mm, 0.5 Pitch Ball Map . . . . . . . . . . . . . 174
4.4
19 x 19 mm, 0.8 Pitch Ball Map. . . . . . . . . . . . . . 179
5
Revision History . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 183


Similar Part No. - PCIMX515CJM6C

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
PCIMX515DJM8C FREESCALE-PCIMX515DJM8C Datasheet
4Mb / 202P
Processors for Consumer and Industrial Products
More results

Similar Description - PCIMX515CJM6C

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
IMX35 FREESCALE-IMX35_1 Datasheet
3Mb / 148P
i.MX35 Applications Processors for Industrial and Consumer Products
MCIMX35 FREESCALE-MCIMX35_10 Datasheet
1Mb / 148P
i.MX35 Applications Processors for Industrial and Consumer Products
MCIMX35_101 FREESCALE-MCIMX35_101 Datasheet
1Mb / 148P
i.MX35 Applications Processors for Industrial and Consumer Products
IMX53CEC FREESCALE-IMX53CEC Datasheet
3Mb / 204P
Applications Processors for Consumer Products
MCIMX50 FREESCALE-MCIMX50 Datasheet
2Mb / 134P
i.MX50 Applications Processors for Consumer Products
PCIMX515DJM8C FREESCALE-PCIMX515DJM8C Datasheet
4Mb / 202P
Processors for Consumer and Industrial Products
MCIMX515DJM8CR2 FREESCALE-MCIMX515DJM8CR2 Datasheet
4Mb / 202P
i.MX51 Applications Processors for Consumer and Industrial Products
MCIMX6U5DVM10AB FREESCALE-MCIMX6U5DVM10AB Datasheet
2Mb / 168P
Applications Processors for Consumer Products
logo
NXP Semiconductors
MCIMX35SR2CEC NXP-MCIMX35SR2CEC Datasheet
2Mb / 147P
i.MX35 Applications Processors for Industrial and Consumer Products
Rev. 10, 06/2012
IMX51CEC NXP-IMX51CEC Datasheet
3Mb / 202P
i.MX51 Applications Processors for Consumer and Industrial Products
Rev. 6, 10/2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com