Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCIMX515CJM6C Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # PCIMX515CJM6C
Description  i.MX51 Applications Processors for Consumer and Industrial Products
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCIMX515CJM6C Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button PCIMX515CJM6C Datasheet HTML 3Page - Freescale Semiconductor, Inc PCIMX515CJM6C Datasheet HTML 4Page - Freescale Semiconductor, Inc PCIMX515CJM6C Datasheet HTML 5Page - Freescale Semiconductor, Inc PCIMX515CJM6C Datasheet HTML 6Page - Freescale Semiconductor, Inc PCIMX515CJM6C Datasheet HTML 7Page - Freescale Semiconductor, Inc PCIMX515CJM6C Datasheet HTML 8Page - Freescale Semiconductor, Inc PCIMX515CJM6C Datasheet HTML 9Page - Freescale Semiconductor, Inc PCIMX515CJM6C Datasheet HTML 10Page - Freescale Semiconductor, Inc PCIMX515CJM6C Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 184 page
background image
Features
i.MX51 Applications Processors for Consumer and Industrial Products, Rev. 1
Freescale Semiconductor
7
Preliminary—Subject to Change Without Notice
eSDHC-4
(muxed with
P-ATA)
Enhanced
Multi-Media
Card/
Secure Digital
Host
Controller
Connectivity
Peripherals
Can be configured as eSDHC (see above) and is muxed with the P-ATA
interface.
FEC
Fast Ethernet
Controller
Connectivity
Peripherals
The Ethernet Media Access Controller (MAC) is designed to support both
10 Mbps and 100 Mbps ethernet/IEEE Std 802.3™ networks. An external
transceiver interface and transceiver function are required to complete the
interface to the media.
FIRI
Fast
Infra-Red
Interface
Connectivity
Peripherals
Fast Infra-Red Interface
GPIO-1
GPIO-2
GPIO-3
GPIO-4
General
Purpose I/O
Modules
System
Control
Peripherals
These modules are used for general purpose input/output to external ICs. Each
GPIO module supports up to 32 bits of I/O.
GPT
General
Purpose
Timer
Timer
Peripherals
Each GPT is a 32-bit “free-running” or “set and forget” mode timer with a
programmable prescaler and compare and capture register. A timer counter
value can be captured using an external event, and can be configured to trigger
a capture event on either the leading or trailing edges of an input pulse. When
the timer is configured to operate in “set and forget” mode, it is capable of
providing precise interrupts at regular intervals with minimal processor
intervention. The counter has output compare logic to provide the status and
interrupt at comparison. This timer can be configured to run either on an external
clock or on an internal clock.
GPU
Graphics
Processing
Unit
Multimedia
Peripherals
The GPU provides hardware acceleration for 2D and 3D graphics
algorithms with sufficient processor power to run desk-top quality
interactive graphics applications on displays up to HD720
resolution. It supports color representation up to 32 bits per pixel.
The GPU with its 128 KByte memory enables high performance mobile 3D and
2D vector graphics at rates up to 27 Mtriangles/sec, 166 M pixels/sec, 664
Mpixels/sec (Z).
GPU2D
Graphics
Processing
Unit-2D Ver. 1
Multimedia
Peripherals
The GPU2D provides hardware acceleration for 2D graphic
algorithms with sufficient processor power to run desk-top quality
interactive graphics applications on displays up to HD720 resolution.
I2C-1
I2C-2
HS-I2C
I2C Interface
Connectivity
Peripherals
I2C provides serial interface for controlling peripheral devices. Data rates of up
to 400 Kbps are supported by two of the I2C ports. Data rates of up to 3.4 Mbps
(I2C Specification v2.1) are supported by the HS-I2C.
Note: See the errata for the HS-I2C in the i.MX51 Chip Errata. The two standard
I2C modules have no errata.
Table 2. i.MX51 Digital and Analog Modules (continued)
Block
Mnemonic
Block Name
Subsystem
Brief Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com