Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCIMX515CJM6C Datasheet(PDF) 27 Page - Freescale Semiconductor, Inc

Part # PCIMX515CJM6C
Description  i.MX51 Applications Processors for Consumer and Industrial Products
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCIMX515CJM6C Datasheet(HTML) 27 Page - Freescale Semiconductor, Inc

Back Button PCIMX515CJM6C Datasheet HTML 23Page - Freescale Semiconductor, Inc PCIMX515CJM6C Datasheet HTML 24Page - Freescale Semiconductor, Inc PCIMX515CJM6C Datasheet HTML 25Page - Freescale Semiconductor, Inc PCIMX515CJM6C Datasheet HTML 26Page - Freescale Semiconductor, Inc PCIMX515CJM6C Datasheet HTML 27Page - Freescale Semiconductor, Inc PCIMX515CJM6C Datasheet HTML 28Page - Freescale Semiconductor, Inc PCIMX515CJM6C Datasheet HTML 29Page - Freescale Semiconductor, Inc PCIMX515CJM6C Datasheet HTML 30Page - Freescale Semiconductor, Inc PCIMX515CJM6C Datasheet HTML 31Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 184 page
background image
Electrical Characteristics
i.MX51 Applications Processors for Consumer and Industrial Products, Rev. 1
Freescale Semiconductor
27
Preliminary—Subject to Change Without Notice
3.3.7
USBOTG Electrical DC Parameters
3.3.8
USB Port Electrical DC Characteristics
Table 19 and Table 20 list the electrical DC characteristics.
Table 19. USBOTG Interface Electrical Specification
Parameter
Symbol
Signals
Min
Max
Unit
Test Conditions
Input High Voltage
VIH
USB_VPOUT
USB_VMOUT
USB_XRXD,
USB_VPIN,
USB_VMIN
VDD x 0.7
VDD
V
—
Input low Voltage
VIL
USB_VPOUT
USB_VMOUT
USB_XRXD,
USB_VPIN,
USB_VMIN
0
VDD
× 0.3
V
—
Output High Voltage
VOH
USB_VPOUT
USB_VMOUT
USB_TXENB
VDD –0.43
—
V
7 mA Drv
at IOH = 5 mA
Output Low Voltage
VOL
USB_VPOUT
USB_VMOUT
USB_TXENB
—0.43
V
7 mA Drv
at IOH = 5 mA
Table 20. USB Interface Electrical Specification
Parameter
Symbol
Signals
Min
Max
Unit
Test Conditions
Input High Voltage
VIH
USB_DAT_VP
USB_SE0_VM
USB_RCV,
USB_VP1,
USB_VM1
VDD x 0.7
VDD
V
—
Input Low Voltage
VIL
USB_DAT_VP
USB_SE0_VM
USB_RCV,
USB_VP1,
USB_VM1
0
VDD x 0.3
V
—
Output High Voltage
VOH
USB_DAT_VP
USB_SE0_VM
USB_TXOE_B
VDD –0.43
—
V
7 mA Drv
at Iout = 5 mA
Output Low Voltage
VOL
USB_DAT_VP
USB_SE0_VM
USB_TXOE_B
—0.43
V
7 mA Drv
at Iout = 5 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com