Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCIMX515CJM6C Datasheet(PDF) 71 Page - Freescale Semiconductor, Inc

Part # PCIMX515CJM6C
Description  i.MX51 Applications Processors for Consumer and Industrial Products
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCIMX515CJM6C Datasheet(HTML) 71 Page - Freescale Semiconductor, Inc

Back Button PCIMX515CJM6C Datasheet HTML 67Page - Freescale Semiconductor, Inc PCIMX515CJM6C Datasheet HTML 68Page - Freescale Semiconductor, Inc PCIMX515CJM6C Datasheet HTML 69Page - Freescale Semiconductor, Inc PCIMX515CJM6C Datasheet HTML 70Page - Freescale Semiconductor, Inc PCIMX515CJM6C Datasheet HTML 71Page - Freescale Semiconductor, Inc PCIMX515CJM6C Datasheet HTML 72Page - Freescale Semiconductor, Inc PCIMX515CJM6C Datasheet HTML 73Page - Freescale Semiconductor, Inc PCIMX515CJM6C Datasheet HTML 74Page - Freescale Semiconductor, Inc PCIMX515CJM6C Datasheet HTML 75Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 184 page
background image
Electrical Characteristics
i.MX51 Applications Processors for Consumer and Industrial Products, Rev. 1
Freescale Semiconductor
71
Preliminary—Subject to Change Without Notice
3.7.6.2
High-Speed Mode Timing Parameters
Figure 45 depicts the high-speed mode timings of HS-I2C module, and Table 63 lists the timing
characteristics.
Figure 45. High-Speed Mode Timing
Table 63. HS-I2C High-Speed Mode Timing Parameters
ID
Parameter
High-Speed Mode
Unit
Min
Max
IC1
SCLH cycle time
10
3.4
MHz
IC2
Setup time (repeated) START condition
160
—
ns
IC3
Hold time (repeated) START condition
160
—
ns
IC4
LOW Period of the SCLH Clock
160
—
ns
IC5
HIGH Period of SCLH Clock
60
—
ns
IC6
Data set-up time
10
—
ns
IC7
Data hold time
01
1 A device must internally provide a hold time of at least 300 ns for SDAH signal in order to bridge the undefined region of the
falling edge of SCLH.
70
ns
IC8
Rise time of SCLH
10
40
ns
IC9
Rise time of SCLH signal after a repeated START condition and after an acknowledge bit
10
80
ns
IC10 Fall time of SCLH signal
10
40
ns
IC11 Rise time of SDAH signal
10
80
ns
IC12 Fall time of SDAH signal
10
80
ns
IC13 Set-up time for STOP condition
160
—
ns
IC14 Capacitive load for each bus line (Cb)
—
100
pF
IC11
IC12
IC3
IC6
IC7
IC2
IC13
IC4
IC9
IC5
IC10
START
STOP
START
START
SDAH
SCLH
IC1
IC8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com