Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCIMX515CJM6C Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # PCIMX515CJM6C
Description  i.MX51 Applications Processors for Consumer and Industrial Products
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCIMX515CJM6C Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  PCIMX515CJM6C Datasheet HTML 1Page - Freescale Semiconductor, Inc PCIMX515CJM6C Datasheet HTML 2Page - Freescale Semiconductor, Inc PCIMX515CJM6C Datasheet HTML 3Page - Freescale Semiconductor, Inc PCIMX515CJM6C Datasheet HTML 4Page - Freescale Semiconductor, Inc PCIMX515CJM6C Datasheet HTML 5Page - Freescale Semiconductor, Inc PCIMX515CJM6C Datasheet HTML 6Page - Freescale Semiconductor, Inc PCIMX515CJM6C Datasheet HTML 7Page - Freescale Semiconductor, Inc PCIMX515CJM6C Datasheet HTML 8Page - Freescale Semiconductor, Inc PCIMX515CJM6C Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 184 page
background image
Introduction
i.MX51 Applications Processors for Consumer and Industrial Products, Rev. 1
Freescale Semiconductor
3
Preliminary—Subject to Change Without Notice
1.1
Ordering Information
Table 1 provides the ordering information.
Table 1. Ordering Information
Part Number1, 2
1 Because of an order from the United States International Trade Commission, BGA-packaged product lines and part numbers
indicated here currently are not available from Freescale for import or sale in the United States prior to September 2010:
Indicated by the icon (!)
2 Part numbers with a PC prefix indicate non-production engineering parts.
Mask Set
Features
Case
Temperature
Range (
°C)
Package3
3 Case 2017 and Case 2058 are RoHS compliant, lead-free, MSL = 3.
PCIMX512CJM6C
M77X
No hardware video codecs
No hardware graphics accelerators
–40 to 105
19 x 19 mm, 0.8 mm pitch BGA
Case 2017
MCIMX512DJM8C
M77X
No hardware video codecs
No hardware graphics accelerators
–20 to 85
19 x 19 mm, 0.8 mm pitch BGA
Case 2017
PCIMX513CJM6C
M77X
No hardware graphics accelerators
–40 to 105
19 x 19 mm, 0.8 mm pitch BGA
Case 2017
MCIMX513DJM8C
M77X
No hardware graphics accelerators
–20 to 85
19 x 19 mm, 0.8 mm pitch BGA
Case 2017
PCIMX515CJM6C
M77X
Full specification
–40 to 105
19 x 19 mm, 0.8 mm pitch BGA
Case 2017
MCIMX515DJM8C
M77X
Full specification
–20 to 85
19 x 19 mm, 0.8 mm pitch BGA
Case 2017
MCIMX512DVK8C!
M77X
No hardware video codecs
No hardware graphics accelerators
–20 to 85
13 x 13 mm, 0.5 mm pitch BGA
Case 2058
MCIMX513DVK8C!
M77X
No hardware graphics accelerators
–20 to 85
13 x 13 mm, 0.5 mm pitch BGA
Case 2058
MCIMX515DVK8C!
M77X
Full specification
–20 to 85
13 x 13 mm, 0.5 mm pitch BGA
Case 2058
MCIMX511DVK8C!
M77X
Full specification plus Macrovision copy
protection
–20 to 85
13 x 13 mm, 0.5 mm pitch BGA
Case 2058



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com