Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCIMX515CJM6C Datasheet(PDF) 156 Page - Freescale Semiconductor, Inc

Part # PCIMX515CJM6C
Description  i.MX51 Applications Processors for Consumer and Industrial Products
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCIMX515CJM6C Datasheet(HTML) 156 Page - Freescale Semiconductor, Inc

Back Button PCIMX515CJM6C Datasheet HTML 152Page - Freescale Semiconductor, Inc PCIMX515CJM6C Datasheet HTML 153Page - Freescale Semiconductor, Inc PCIMX515CJM6C Datasheet HTML 154Page - Freescale Semiconductor, Inc PCIMX515CJM6C Datasheet HTML 155Page - Freescale Semiconductor, Inc PCIMX515CJM6C Datasheet HTML 156Page - Freescale Semiconductor, Inc PCIMX515CJM6C Datasheet HTML 157Page - Freescale Semiconductor, Inc PCIMX515CJM6C Datasheet HTML 158Page - Freescale Semiconductor, Inc PCIMX515CJM6C Datasheet HTML 159Page - Freescale Semiconductor, Inc PCIMX515CJM6C Datasheet HTML 160Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 184 page
background image
i.MX51 Applications Processors for Consumer and Industrial Products, Rev. 1
156
Freescale Semiconductor
Preliminary—Subject to Change Without Notice
Package Information and Contact Assignments
4.1.3
13
× 13 mm Ball Map
See Section 4.3, “13
× 13 mm, 0.5 Pitch Ball Map.”
4.2
19
× 19 mm Package Information
This section contains the outline drawing, signal assignment map, ground/power/reference ID (by ball grid
location) for the 19
× 19 mm, 0.8 mm pitch package.
NC
AA20
NC
AA21
Table 112. 13
× 13 mm No Connect Assignments (continued)
Ball Status
Ball Assignments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com