Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCIMX515CJM6C Datasheet(PDF) 173 Page - Freescale Semiconductor, Inc

Part # PCIMX515CJM6C
Description  i.MX51 Applications Processors for Consumer and Industrial Products
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCIMX515CJM6C Datasheet(HTML) 173 Page - Freescale Semiconductor, Inc

Back Button PCIMX515CJM6C Datasheet HTML 169Page - Freescale Semiconductor, Inc PCIMX515CJM6C Datasheet HTML 170Page - Freescale Semiconductor, Inc PCIMX515CJM6C Datasheet HTML 171Page - Freescale Semiconductor, Inc PCIMX515CJM6C Datasheet HTML 172Page - Freescale Semiconductor, Inc PCIMX515CJM6C Datasheet HTML 173Page - Freescale Semiconductor, Inc PCIMX515CJM6C Datasheet HTML 174Page - Freescale Semiconductor, Inc PCIMX515CJM6C Datasheet HTML 175Page - Freescale Semiconductor, Inc PCIMX515CJM6C Datasheet HTML 176Page - Freescale Semiconductor, Inc PCIMX515CJM6C Datasheet HTML 177Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 184 page
background image
Package Information and Contact Assignments
i.MX51 Applications Processors for Consumer and Industrial Products, Rev. 1
Freescale Semiconductor
173
Preliminary—Subject to Change Without Notice
4.2.3
19 x 19 Ball Map
See Section 4.4, “19 x 19 mm, 0.8 Pitch Ball Map.”
KEY_COL4
Output
Low
Output for diagnostic signal
ANY_PU_RST during
power-on reset
KEY_COL5
Output
Low
Output for diagnostic signal
JTAG_ACT during power-on
reset
1 Signal Configuration as Fuse Override Input at Power Up. These are special I/O lines that control the boot up configuration
during product development. In production, the boot configuration is controlled by fuses.
2 Consider using an external 68 kΩ pull-up if system constraints indicate that the on-chip 100 kΩ pull-up is too weak.
Table 115. Fuse Override Contacts (continued)
Contact name
Direction
After Reset
Configuration
After Reset
Signal Configuration1
External Termination for Fuse Override



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com