Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8377ECZQAFDA Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MPC8377ECZQAFDA
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8377ECZQAFDA Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MPC8377ECZQAFDA Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC8377ECZQAFDA Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC8377ECZQAFDA Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC8377ECZQAFDA Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC8377ECZQAFDA Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8377ECZQAFDA Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8377ECZQAFDA Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8377ECZQAFDA Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8377ECZQAFDA Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 124 page
background image
MPC8377E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2
Freescale Semiconductor
3
Overview
In addition to the security engine, new high-speed interfaces such as PCI Express and SATA are included.
Table 1 compares the differences between MPC837xE derivatives and provides the number of ports
available for each interface.
1.1
DDR Memory Controller
The DDR1/DDR2 memory controller includes the following features:
•
Single 32- or 64-bit interface supporting both DDR1 and DDR2 SDRAM
•
Support for up to 400-MHz data rate
•
Support up to 4 chip selects
•
64-Mbit to 2-Gbit (for DDR1) and to 4-Gbit (for DDR2) devices with
×8/×16/×32 data ports (no
direct
×4 support)
•
Support for up to 32 simultaneous open pages
•
Supports auto refresh
•
On-the-fly power management using CKE
•
1.8-/2.5-V SSTL2 compatible I/O
1.2
USB Dual-Role Controller
The USB controller includes the following features:
•
Supports USB on-the-go mode, including both device and host functionality, when using an
external ULPI (UTMI + low-pin interface) PHY
•
Complies with USB Specification, Rev. 2.0
•
Supports operation as a stand-alone USB device
— Supports one upstream facing port
— Supports three programmable USB endpoints
•
Supports operation as a stand-alone USB host controller
— Supports USB root hub with one downstream-facing port
— Enhanced host controller interface (EHCI) compatible
•
Supports high-speed (480 Mbps), full-speed (12 Mbps), and low-speed (1.5 Mbps) operation;
low-speed operation is supported only in host mode
•
Supports UTMI + low pin interface (ULPI)
Table 1. High-Speed Interfaces on the MPC8377E, MPC8378E, and MPC8379E
Descriptions
MPC8377E
MPC8378E
MPC8379E
SGMII
020
PCI Express®
2
2
0
SATA
204



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com