Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8377ECZQAFDA Datasheet(PDF) 56 Page - Freescale Semiconductor, Inc

Part # MPC8377ECZQAFDA
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8377ECZQAFDA Datasheet(HTML) 56 Page - Freescale Semiconductor, Inc

Back Button MPC8377ECZQAFDA Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC8377ECZQAFDA Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC8377ECZQAFDA Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC8377ECZQAFDA Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC8377ECZQAFDA Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC8377ECZQAFDA Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC8377ECZQAFDA Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC8377ECZQAFDA Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC8377ECZQAFDA Datasheet HTML 60Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 124 page
background image
MPC8377E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2
56
Freescale Semiconductor
PCI
14 PCI
This section describes the DC and AC electrical specifications for the PCI bus of the MPC8377E.
14.1
PCI DC Electrical Characteristics
Table 47 provides the DC electrical characteristics for the PCI interface of the device. The DC
characteristics of the PORESET signal, which can be used as PCI RST in applications where the device is
a PCI agent, deviates from the standard PCI levels.
14.2
PCI AC Electrical Specifications
This section describes the general AC timing parameters of the PCI bus of the device. Note that the
PCI_CLK/PCI_SYNC_IN or CLKIN signal is used as the PCI input clock depending on whether the
MPC8377E is configured as a host or agent device. CLKIN is used when the device is in host mode.
Table 48 shows the PCI AC timing specifications at 66 MHz.
.
Table 47. PCI DC Electrical Characteristics
Parameter
Condition
Symbol
Min
Max
Unit
High-level input voltage
VOUT ≥ VOH (min) or
VIH
0.5
× OVDD
OVDD + 0.5
V
Low-level input voltage
VOUT ≤ VOL (max)
VIL
–0.5
0.3
× OVDD
V
High-level output voltage
IOH = –500 μAVOH
0.9
× OVDD
—V
Low-level output voltage
IOL = 1500 μAVOL
—0.1
× OVDD
V
Input current
0 V
≤ VIN ≤ OVDD
IIN
—
± 30
μA
Note:
• The symbol VIN, in this case, represents the OVIN symbol referenced in Table 2.
Table 48. PCI AC Timing Specifications at 66 MHz
PCI_SYNC_IN clock input levels are with next levels: VIL = 0.1
×OV
DD, VIH = 0.7×OVDD.
Parameter
Symbol1
Min
Max
Unit
Notes
Clock to output valid
tPCKHOV
—6.0
ns
2
Output hold from Clock
tPCKHOX
1—
ns
2
Clock to output high impedance
tPCKHOZ
—14
ns
2, 3
Input setup to Clock
tPCIVKH
3.0
—
ns
2, 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com