Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8377ECZQAFDA Datasheet(PDF) 60 Page - Freescale Semiconductor, Inc

Part # MPC8377ECZQAFDA
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8377ECZQAFDA Datasheet(HTML) 60 Page - Freescale Semiconductor, Inc

Back Button MPC8377ECZQAFDA Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC8377ECZQAFDA Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC8377ECZQAFDA Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC8377ECZQAFDA Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC8377ECZQAFDA Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC8377ECZQAFDA Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC8377ECZQAFDA Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC8377ECZQAFDA Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC8377ECZQAFDA Datasheet HTML 64Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 124 page
background image
MPC8377E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2
60
Freescale Semiconductor
PCI Express
15.4.1
Differential Transmitter (Tx) Output
Table 51 defines the specifications for the differential output at all transmitters. The parameters are
specified at the component pins.
Table 51. Differential Transmitter (Tx) Output Specifications
Parameter
Conditions
Symbol
Min
Typical
Max
Units
Notes
Unit interval
Each UPETX is 400 ps ± 300
ppm. UPETX does not account
for Spread Spectrum Clock
dictated variations.
UI
399.88
400
400.12
ps
1
Differential
peak-to-peak output
voltage
VPEDPPTX = 2 × |VTX-D+ –
VTX-D-|
VTX-DIFFp-p
0.8
—
1.2
V
2
De-emphasized
differential output
voltage (ratio)
Ratio of the VPEDPPTX of the
second and following bits after
a transition divided by the
VPEDPPTX of the first bit after a
transition.
VTX-DE-RATIO
–3.0
–3.5
–4.0
dB
2
Minimum Tx eye width
The maximum Transmitter
jitter can be derived as
TTX-MAX-JITTER = 1 –
UPEEWTX= 0.3 UI.
TTX-EYE
0.70
—
—
UI
2, 3
Maximum time between
the jitter median and
maximum deviation
from the median
Jitter is defined as the
measurement variation of the
crossing points (VPEDPPTX = 0
V) in relation to a recovered
TX UI. A recovered TX UI is
calculated over 3500
consecutive unit intervals of
sample data. Jitter is
measured using all edges of
the 250 consecutive UI in the
center of the 3500 UI used for
calculating the TX UI.
TTX-EYE-MEDIAN-to-
MAX-JITTER
—
—
0.15
UI
2, 3
D+/D– Tx output
rise/fall time
—TTX-RISE, TTX-FALL
0.125
—
—
UI
2, 5
RMS AC peak common
mode output voltage
VPEACPCMTX = RMS(|VTXD+ –
VTXD-|/2 – VTX-CM-DC)
VTX-CM-DC = DC(avg) of
|VTX-D+ – VTX-D-|/2
VTX-CM-ACp
——
20
mV
2
Absolute delta of DC
common mode voltage
during LO and electrical
idle
|VTX-CM-DC (during LO) –
VTX-CM-Idle-DC (During Electrical
Idle)|<=100 mV
VTX-CM-DC = DC(avg) of
|VTX-D+ – VTX-D-|/2 [LO]
VTX-CM-Idle-DC = DC(avg) of
|VTX-D+ – VTX-D-|/2 [Electrical
Idle]
VTX-CM-DC- ACTIVE-
IDLE-DELTA
0—
100
mV
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com