Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8377ECZQAFDA Datasheet(PDF) 83 Page - Freescale Semiconductor, Inc

Part # MPC8377ECZQAFDA
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8377ECZQAFDA Datasheet(HTML) 83 Page - Freescale Semiconductor, Inc

Back Button MPC8377ECZQAFDA Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC8377ECZQAFDA Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC8377ECZQAFDA Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC8377ECZQAFDA Datasheet HTML 82Page - Freescale Semiconductor, Inc MPC8377ECZQAFDA Datasheet HTML 83Page - Freescale Semiconductor, Inc MPC8377ECZQAFDA Datasheet HTML 84Page - Freescale Semiconductor, Inc MPC8377ECZQAFDA Datasheet HTML 85Page - Freescale Semiconductor, Inc MPC8377ECZQAFDA Datasheet HTML 86Page - Freescale Semiconductor, Inc MPC8377ECZQAFDA Datasheet HTML 87Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 124 page
background image
MPC8377E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2
Freescale Semiconductor
83
High-Speed Serial Interfaces (HSSI)
output driver features a 50-
Ω termination resistor. It also assumes that the LVDS transmitter establishes its
own common mode level without relying on the receiver or other external component.
Figure 57. AC-Coupled Differential Connection with LVDS Clock Driver (Reference Only)
Figure 58 shows the SerDes reference clock connection reference circuits for LVPECL type clock driver.
Since LVPECL driver’s DC levels (both common mode voltages and output swing) are incompatible with
device SerDes reference clock input’s DC requirement, AC-coupling has to be used. Figure 58 assumes
that the LVPECL clock driver’s output impedance is 50
Ω. R1 is used to DC-bias the LVPECL outputs
prior to AC-coupling. Its value could be ranged from 140
Ω to 240 Ω depending on clock driver vendor’s
requirement. R2 is used together with the SerDes reference clock receiver’s 50
Ω termination resistor to
attenuate the LVPECL output’s differential peak level such that it meets the device SerDes reference
clock’s differential input amplitude requirement (between 200 mV and 800 mV differential peak). For
example, if the LVPECL output’s differential peak is 900 mV and the desired SerDes reference clock input
amplitude is selected as 600 mV, the attenuation factor is 0.67, which requires R2 = 25
Ω. Please consult
50
Ω
50
Ω
SD
n_REF_CLK
SD
n_REF_CLK
Clock Driver
100
Ω differential PWB trace
SerDes Refer.
CLK Receiver
Clock Driver
CLK_Out
CLK_Out
LVDS CLK Driver Chip
10 nF
10 nF
MPC8377E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com