Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8377ECZQAFDA Datasheet(PDF) 69 Page - Freescale Semiconductor, Inc

Part # MPC8377ECZQAFDA
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8377ECZQAFDA Datasheet(HTML) 69 Page - Freescale Semiconductor, Inc

Back Button MPC8377ECZQAFDA Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC8377ECZQAFDA Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC8377ECZQAFDA Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC8377ECZQAFDA Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC8377ECZQAFDA Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC8377ECZQAFDA Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC8377ECZQAFDA Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC8377ECZQAFDA Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC8377ECZQAFDA Datasheet HTML 73Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 124 page
background image
MPC8377E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2
Freescale Semiconductor
69
Serial ATA (SATA)
Table 55 provides the differential transmitter output AC characteristics for the SATA interface at Gen1i or
1.5 Gbits/s transmission.
16.2.2
Gen2i/3G Transmitter Specifications
Table 56 provides the differential transmitter output DC characteristics for the SATA interface at Gen2i or
3.0 Gbits/s transmission.
Table 57 provides the differential transmitter output AC characteristics for the SATA interface at Gen2i or
3.0 Gbits/s transmission.
Table 55. Gen1i/1.5G Transmitter AC Specifications
Parameter
Symbol
Min
Typical
Max
Units
Notes
Channel speed
tCH_SPEED
—
1.5
—
Gbps
—
Unit interval
TUI
666.4333
666.667
670.2333
ps
—
Total jitter, data-data
5UI
USATA_TXTJ5UI
—
—
0.355
UIp-p
1
Total jitter, data-data
250 UI
USATA_TXTJ250UI
—
—
0.47
UIp-p
1
Deterministic jitter, data-data
5UI
USATA_TXDJ5UI
—
—
0.175
UIp-p
1
Deterministic jitter, data-data
250 UI
USATA_TXDJ250UI
—
—
0.22
UIp-p
1
Note:
1 Measured at Tx output pins peak to peak phase variation, random data pattern.
Table 56. Gen 2i/3G Transmitter DC Specifications
Parameter
Symbol
Min
Typical
Max
Units
Notes
Tx differential output voltage
VSATA_TXDIFF
400
550
700
mVp-p
1
Tx differential pair impedance
ZSATA_TXDIFFIM
85
100
115
Ω
—
Note:
1 Terminated by 50 Ω load.
Table 57. Gen 2i/3G Transmitter AC Specifications
Parameter
Symbol
Min
Typical
Max
Units
Notes
Channel speed
tCH_SPEED
—3.0
—
Gbps
—
Unit interval
TUI
333.2
333.33
335.11
ps
—
Total jitter
fC3dB=fBAUD/10
USATA_TXTJfB/10
——
0.3
UIp-p
1
Total jitter
fC3dB =fBAUD/500
USATA_TXTJfB/500
—
—
0.37
UIp-p
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com