Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8377ECZQAFDA Datasheet(PDF) 72 Page - Freescale Semiconductor, Inc

Part # MPC8377ECZQAFDA
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8377ECZQAFDA Datasheet(HTML) 72 Page - Freescale Semiconductor, Inc

Back Button MPC8377ECZQAFDA Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC8377ECZQAFDA Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC8377ECZQAFDA Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC8377ECZQAFDA Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC8377ECZQAFDA Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC8377ECZQAFDA Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC8377ECZQAFDA Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC8377ECZQAFDA Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC8377ECZQAFDA Datasheet HTML 76Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 124 page
background image
MPC8377E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2
72
Freescale Semiconductor
Timers
17 Timers
This section describes the DC and AC electrical specifications for the timers of the MPC8377E.
17.1
Timers DC Electrical Characteristics
Table 62 provides the DC electrical characteristics for the device timers pins, including TIN, TOUT,
TGATE, and RTC_CLK.
17.2
Timers AC Timing Specifications
Table 63 provides the timers input and output AC timing specifications.
Figure 46 provides the AC test load for the timers.
Figure 46. Timers AC Test Load
Table 62. Timers DC Electrical Characteristics
Parameter
Condition
Symbol
Min
Max
Unit
Output high voltage
IOH = –6.0 mA
VOH
2.4
—
V
Output low voltage
IOL = 6.0 mA
VOL
—0.5
V
Output low voltage
IOL = 3.2 mA
VOL
—0.4
V
Input high voltage
—
VIH
2.0
OVDD + 0.3
V
Input low voltage
—
VIL
–0.3
0.8
V
Input current
0 V
≤ VIN ≤ OVDD
IIN
—
± 30
μA
Table 63. Timers Input AC Timing Specifications 1
Parameter
Symbol 2
Min
Unit
Timers inputs—minimum pulse width
tTIWID
20
ns
Note:
1 Input specifications are measured from the 50% level of the signal to the 50% level of the rising edge of CLKIN. Timings are
measured at the pin.
2 Timers inputs and outputs are asynchronous to any visible clock. Timers outputs should be synchronized before use by any
external synchronous logic. Timers inputs are required to be valid for at least tTIWID ns to ensure proper operation
Output
Z0 = 50 Ω
OVDD/2
RL = 50 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com