Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8377ECZQAFDA Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # MPC8377ECZQAFDA
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8377ECZQAFDA Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MPC8377ECZQAFDA Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC8377ECZQAFDA Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8377ECZQAFDA Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8377ECZQAFDA Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8377ECZQAFDA Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8377ECZQAFDA Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC8377ECZQAFDA Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC8377ECZQAFDA Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8377ECZQAFDA Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 124 page
background image
MPC8377E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2
8
Freescale Semiconductor
Electrical Characteristics
2.1.2
Power Supply Voltage Specification
Table 3 provides the recommended operating conditions for the device. Note that the values in Table 3 are
the recommended and tested operating conditions. Proper device operation outside of these conditions is
not guaranteed.
Storage temperature range
TSTG
–55 to 150
°C—
Notes:
1 Functional and tested operating conditions are given in Table 3. Absolute maximum ratings are stress ratings only, and
functional operation at the maximums is not guaranteed. Stresses beyond those listed may affect device reliability or cause
permanent damage to the device.
2 Caution: MV
IN must not exceed GVDD by more than 0.3 V. This limit may be exceeded for a maximum of 20 ms during
power-on reset and power-down sequences.
3 Caution: OV
IN must not exceed OVDD by more than 0.3 V. This limit may be exceeded for a maximum of 20 ms during
power-on reset and power-down sequences.
4 (M,O)V
IN and MVREF may overshoot/undershoot to a voltage and for a maximum duration as shown in Figure 2.
5 OV
IN on the PCI interface may overshoot/undershoot according to the PCI Electrical Specification for 3.3-V operation, as
shown in Figure 2.
6 L[1,2]_nV
DD includes SDAVDD_0, XCOREVDD, and XPADVDD power inputs.
Table 3. Recommended Operating Conditions
Characteristic
Symbol
Recommended
Value
Unit
Notes
Core supply voltage
up to 667 MHz
VDD
1.0 ± 50 mV
V
1
800 MHz
1.05 ± 50 mV
V
1
PLL supply voltage (e300 core, system, and
eLBC)
up to 667 MHz
AVDD
1.0 ± 50 mV
V
1
800 MHz
1.05 ± 50 mV
V
1
DDR1 and DDR2 DRAM I/O voltage
GVDD
2.5 V ± 125 mV
1.8 V ± 90 mV
V1
Three-speed Ethernet I/O, MII management voltage
LVDD[1,2]
3.3 V ± 165 mV
2.5 V ± 125 mV
V—
PCI, local bus, DUART, system control and power management, I2C, and
JTAG I/O voltage
OVDD
3.3 V ± 165 mV
V
1
Local Bus
LBVDD
1.8 V ± 90 mV
2.5 V ± 125 mV
3.3 V ± 165 mV
V—
SerDes
up to 667 MHz
L[1,2]_
nVDD
1.0 ± 50 mV
V
1, 2
800 MHz
1.05 V ± 50 mV
V
1, 2
Table 2. Absolute Maximum Ratings 1 (continued)
Characteristic
Symbol
Max Value
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com