Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8377ECZQAFDA Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MPC8377ECZQAFDA
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8377ECZQAFDA Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MPC8377ECZQAFDA Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC8377ECZQAFDA Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC8377ECZQAFDA Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8377ECZQAFDA Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8377ECZQAFDA Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8377ECZQAFDA Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8377ECZQAFDA Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC8377ECZQAFDA Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC8377ECZQAFDA Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 124 page
background image
MPC8377E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2
Freescale Semiconductor
7
Electrical Characteristics
•
Compatible with the SD Memory Card Specification, Rev 2.0, and supports High Capacity SD
memory cards
•
Compatible with the SDIO Card Specification Rev, 1.2
•
Designed to work with SD Memory, miniSD Memory, SDIO, miniSDIO, SD Combo, MMC,
MMCplus, MMC 4x, and RS-MMC cards
•
SD bus clock frequency up to 50 MHz
•
Supports 1-/4-bit SD and SDIO modes, 1-/4-bit MMC modes
•
Supports internal DMA capabilities
2
Electrical Characteristics
This section provides the AC and DC electrical specifications and thermal characteristics for the
MPC8377E. The device is currently targeted to these specifications. Some of these specifications are
independent of the I/O cell, but are included for a more complete reference. These are not purely I/O buffer
design specifications.
2.1
Overall DC Electrical Characteristics
This section covers the ratings, conditions, and other characteristics.
2.1.1
Absolute Maximum Ratings
Table 2 provides the absolute maximum ratings.
Table 2. Absolute Maximum Ratings 1
Characteristic
Symbol
Max Value
Unit
Notes
Core supply voltage
VDD
–0.3 to 1.1
V
—
PLL supply voltage (e300 core, system and eLBC)
AVDD
–0.3 to 1.1
V
—
DDR1 and DDR2 DRAM I/O voltage
GVDD
–0.3 to 2.75
–0.3 to 1.98
V—
Three-speed Ethernet I/O, MII management voltage
LVDD[1,2]
–0.3 to 3.63
V
—
PCI, DUART, system control and power management, I2C, and
JTAG I/O voltage
OVDD
–0.3 to 3.63
V
—
Local bus
LBVDD
–0.3 to 3.63
V
—
SerDes
L[1,2]_
nVDD
–0.3 to 1.1
V
6
Input voltage
DDR DRAM signals
MVIN
–0.3 to (GVDD + 0.3)
V
2, 4
DDR DRAM reference
MVREF
–0.3 to (GVDD + 0.3)
V
2, 4
Three-speed Ethernet signals
LVIN
–0.3 to (LVDD + 0.3)
V
—
PCI, DUART, CLKIN, system control and power
management, I2C, and JTAG signals
OVIN
–0.3 to (OVDD + 0.3)
V
3, 4
Local Bus
LBIN
–0.3 to (LBVDD + 0.3)
V
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com