Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8377ECZQAFDA Datasheet(PDF) 64 Page - Freescale Semiconductor, Inc

Part # MPC8377ECZQAFDA
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8377ECZQAFDA Datasheet(HTML) 64 Page - Freescale Semiconductor, Inc

Back Button MPC8377ECZQAFDA Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC8377ECZQAFDA Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC8377ECZQAFDA Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC8377ECZQAFDA Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC8377ECZQAFDA Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC8377ECZQAFDA Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC8377ECZQAFDA Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC8377ECZQAFDA Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC8377ECZQAFDA Datasheet HTML 68Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 124 page
background image
MPC8377E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2
64
Freescale Semiconductor
PCI Express
Minimum receiver eye
width
The maximum interconnect
media and transmitter jitter that
can be tolerated by the receiver
can be derived as
TRX-MAX-JITTER = 1 –
UPEEWRX = 0.6 UI.
TRX-EYE
0.4
——UI
2, 3
Maximum time between
the jitter median and
maximum deviation from
the median.
Jitter is defined as the
measurement variation of the
crossing points (VPEDPPRX = 0
V) in relation to a recovered Tx
UI. A recovered Tx UI is
calculated over 3500
consecutive unit intervals of
sample data. Jitter is measured
using all edges of the 250
consecutive UI in the center of
the 3500 UI used for calculating
the Tx UI.
TRX-EYE-MEDIAN-to
-MAX-JITTER
—
—
0.3
UI
2, 3, 7
AC peak common mode
input voltage
VPEACPCMRX = |VRXD+ –
VRXD-|/2 – VRX-CM-DC
VRX-CM-DC = DC(avg) of |VRX-D+
– VRX-D-|/2
VRX-CM-ACp
—
—
150
mV
2
Differential return loss
Measured over 50 MHz to 1.25
GHz with the D+ and D– lines
biased at +300 mV and –300
mV, respectively.
RLRX-DIFF
10
—
—
dB
4
Common mode return
loss
Measured over 50 MHz to 1.25
GHz with the D+ and D– lines
biased at 0 V.
RLRX-CM
6—
—
dB
4
DC differential input
impedance
RX DC differential mode
impedance.
ZRX-DIFF-DC
80
100
120
Ω
5
DC Input Impedance
Required RX D+ as well as D-
DC impedance (50 ± 20%
tolerance).
ZRX-DC
40
50
60
Ω
2, 5
Powered down DC input
impedance
Required RX D+ as well as D–
DC impedance when the
receiver terminations do not
have power.
ZRX-HIGH-IMP-DC
200 k
—
—
Ω
6
Electrical idle detect
threshold
VPEEIDT = 2 × |VRX-D+ -VRX-D-|
Measured at the package pins
of the receiver
VRX-IDLE-DET-DIFF
p-p
65
—
175
mV
—
Table 52. Differential Receiver (Rx) Input Specifications (continued)
Parameter
Comments
Symbol
Min
Typical
Max
Units
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com