Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8377ECZQAFDA Datasheet(PDF) 108 Page - Freescale Semiconductor, Inc

Part # MPC8377ECZQAFDA
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8377ECZQAFDA Datasheet(HTML) 108 Page - Freescale Semiconductor, Inc

Back Button MPC8377ECZQAFDA Datasheet HTML 104Page - Freescale Semiconductor, Inc MPC8377ECZQAFDA Datasheet HTML 105Page - Freescale Semiconductor, Inc MPC8377ECZQAFDA Datasheet HTML 106Page - Freescale Semiconductor, Inc MPC8377ECZQAFDA Datasheet HTML 107Page - Freescale Semiconductor, Inc MPC8377ECZQAFDA Datasheet HTML 108Page - Freescale Semiconductor, Inc MPC8377ECZQAFDA Datasheet HTML 109Page - Freescale Semiconductor, Inc MPC8377ECZQAFDA Datasheet HTML 110Page - Freescale Semiconductor, Inc MPC8377ECZQAFDA Datasheet HTML 111Page - Freescale Semiconductor, Inc MPC8377ECZQAFDA Datasheet HTML 112Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 124 page
background image
MPC8377E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2
108
Freescale Semiconductor
Clocking
High
0110
6 : 1
—
High
0111
7 : 1
High
1000
8 : 1
High
1001
9 : 1
High
1010
10 : 1
High
1011
11 : 1
High
1100
12 : 1
High
1101
13 : 1
High
1110
14 : 1
High
1111
15 : 1
1
CFG_CLKIN_DIV select the ratio between CLKIN and PCI_SYNC_OUT.
2
CLKIN is the input clock in host mode; PCI_CLK is the input clock in agent mode.
Table 77. CSB Frequency Options for Agent Mode
CFG_CLKIN_DIV
at reset 1
SPMF
csb_clk :
Input Clock
Ratio 2
Input Clock
Frequency (MHz) 2
25
33.33
66.67
csb_clk
Frequency (MHz)
—
Low
0010
2 : 1
133
Low
0011
3 : 1
100
—
Low
0100
4 : 1
—
133
—
Low
0101
5 : 1
125
—
—
Table 76. CSB Frequency Options for Host Mode (continued)
CFG_CLKIN_DIV
at Reset 1
SPMF
csb_clk :
Input Clock
Ratio 2
Input Clock Frequency (MHz) 2
25
33.33
66.67
csb_clk
Frequency (MHz)
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com