Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC33596FCE/R2 Datasheet(PDF) 22 Page - Freescale Semiconductor, Inc

Part # MC33596FCE/R2
Description  PLL Tuned UHF Receiver for Data Transfer Applications
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33596FCE/R2 Datasheet(HTML) 22 Page - Freescale Semiconductor, Inc

Back Button MC33596FCE/R2 Datasheet HTML 18Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 19Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 20Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 21Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 22Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 23Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 24Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 25Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 26Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 70 page
background image
MC33596 Data Sheet, Rev. 4
Receive Mode
Freescale Semiconductor
22
Each time is defined with the associated value found in the RXONOFF register.
•
On time = RON[3:0]
× 512 × Tdigclk (see Table 16; begins after the crystal oscillator has started)
•
Off time = receiver off time = N
× TStrobe + MIN (TStrobe / 2, receiver on time), with N decoded
from ROFF[2:0] (see Table 17)
The strobe oscillator is a relaxation oscillator in which an external capacitor C13 is charged by an internal
current source (see Figure 46). When the threshold is reached, C13 is discharged and the cycle restarts.
The strobe frequency is FStrobe = 1/TStrobe with TStrobe =106 × C13.
In receive mode, setting the STROBE pin to VCCIO at any time forces the circuit on. As VCCIO is above
the oscillator threshold voltage, the condition on which the STROBE pin is set to VCCIO is detected
internally, and the oscillator pulldown circuitry is disabled. This limits the current consumption. After the
STROBE pin is forced to high level, the external driver should pass via a “0” state to discharge the
capacitor before going to high impedance state (otherwise, the on time would last a long time after the
driver release).
When the strobe oscillator is running (i.e., during an off time), forcing the STROBE pin to VGND stops the
strobe clock, and therefore keeps the circuit off.
Figure 14 shows the associated timings.
Figure 14. Receiver On/Off Sequence
11.4 Received Signal Strength Indicator (RSSI)
11.4.1 Module Description
In receive mode, a received signal strength indicator can be activated by setting bit RSSIE.
The input signal is measured at two different points in the receiver chain by two different means, as
follows.
•
At the IF filter output, a progressive compression logarithmic amplifier measures the input signal,
ranging from the sensitivity level up to –50 dBm.
STROBE
Threshold
STROBE
Clock
Digital
Clock
On
Counter
Receiver
Status
Off
Counter
Crystal Oscillator Startup
Cycling Period
Off
On
Off
On
00
RON
RON
ROFF-1ROFF
tStrobe
STROBE
SET TO VCCIO
00
RON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com