Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC33596FCE/R2 Datasheet(PDF) 29 Page - Freescale Semiconductor, Inc

Part # MC33596FCE/R2
Description  PLL Tuned UHF Receiver for Data Transfer Applications
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33596FCE/R2 Datasheet(HTML) 29 Page - Freescale Semiconductor, Inc

Back Button MC33596FCE/R2 Datasheet HTML 25Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 26Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 27Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 28Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 29Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 30Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 31Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 32Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 33Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 70 page
background image
Configuration Switching
MC33596 Data Sheet, Rev. 4
Freescale Semiconductor
29
Proposed solutions to verify these conditions are :
— If the receiver does not wake periodically and it is only controlled by the STROBE pin (strobe
oscillator disable SOE = 0), an external pulldown resistor on STROBE is required (see
Figure 43 for a 3 V application schematic).
— If the receiver wakes periodically (strobe oscillator enable SOE = 1), the state of the MCU
pins must be defined first and then a power supply must be applied to the MC33596. A
transistor can be used to control the power supply on the VCCIN pin of the MC33596. This
transistor will be driven by an MCU I/O (see Figure 44 for a 3 V application schematic in
strobe oscillator mode).
2. A high level is applied on STROBE in order to wake the MC33596 and enter receive mode. The
duration of this state should be greater than the sum of lock time parameter 5.9 and 5.10. Refer to
Section 13, “Configuration Mode.”
3. CONFB and SEB must be forced to low level to enter configuration mode. Register values are
writen into the internal registers of the MC33596. Refer to Section 13, “Configuration Mode,”
and to Figure 41.
Figure 23. Startup sequence
15
Configuration Switching
This feature allows for defining two different configurations using two different banks, and for switching
them automatically during wakeup when using a strobe oscillator, or by means of the strobe pin actuation
by the MCU. This automatic feature may be used only in receiver mode; thus allowing fast switching
between any different possible configurations.
15.1 Bit Definition
Two sets of configuration registers are available. They are grouped in two different banks: Bank A and
Bank B. Two bits are used to define which bank represents the state of the component.
SEB
CONFB
SCLK
MOSI
MISO
D7 D6 D5 D4 D3 D2 D1 D0
D7 D6 D5 D4 D3 D2 D1 D0
N1N0 A4 A3 A2 A1 A0 R/W
STROBE
1
0
1
0
1
0
1
0
1
0
1
0
VCC
3V
0
1
2
3
SEB
CONFB
SCLK
MOSI
MISO
D7 D6 D5 D4 D3 D2 D1 D0
D7 D6 D5 D4 D3 D2 D1 D0
N1N0 A4 A3 A2 A1 A0 R/W
STROBE
1
0
1
0
1
0
1
0
1
0
1
0
VCC
3V
0
1
2
3
*Refer to
(Section 10)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com