Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC33596FCE/R2 Datasheet(PDF) 34 Page - Freescale Semiconductor, Inc

Part # MC33596FCE/R2
Description  PLL Tuned UHF Receiver for Data Transfer Applications
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33596FCE/R2 Datasheet(HTML) 34 Page - Freescale Semiconductor, Inc

Back Button MC33596FCE/R2 Datasheet HTML 30Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 31Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 32Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 33Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 34Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 35Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 36Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 37Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 38Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 70 page
background image
MC33596 Data Sheet, Rev. 4
Register Description
Freescale Semiconductor
34
•
If strobe pin is 0 the state is OFF.
•
If strobe pin is released from 0 while state is OFF, the initial OFF period is completed.
The change of duration of one state (due to the STROBE pin level or a message being received) has no
influence on the timing of the following states (A, B, or OFF).
16
Register Description
This section discusses the internal registers, which are composed of two classes of bits.
•
Configuration and command bits allow the MC33596 to operate in a suitable configuration.
•
Status bits report the current state of the system.
All registers can be accessed by the SPI. These registers are described below.
At power-on, the POR resets all registers to a known value (in the shaded rows in the following tables).
This defines the MC33596’s default configuration.
16.1 Configuration Registers (Description Bank A only)
Figure 24 describes configuration register 1, CONFIG1.
RESET is a global reset. The bit is cleared internally, after use.
0 = no action
1 = reset all registers and counters
SL (Switch Level) selects the active level of the SWITCH output pin.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Addr
Bit Name
LOF1
LOF0
CF1
CF0
RESET
SL
LVDE
CLKE
$00
Reset Value
1
0
0
1
0
0
0
1
Access
R/WR/W
R/WR/W
R/WR/W
R/W
R/W
Figure 24. CONFIG1 Register
Table 8. LOF[1:0] and CF[1:0] Setting Versus Carrier Frequency
Carrier Frequency
LOF1
LOF0
CF1
CF0
304 MHz
0000
315 MHz
1000
426 MHz
0101
434 MHz
0101
868 MHz
0111
915 MHz
1111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com