Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC33596FCE/R2 Datasheet(PDF) 44 Page - Freescale Semiconductor, Inc

Part # MC33596FCE/R2
Description  PLL Tuned UHF Receiver for Data Transfer Applications
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33596FCE/R2 Datasheet(HTML) 44 Page - Freescale Semiconductor, Inc

Back Button MC33596FCE/R2 Datasheet HTML 40Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 41Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 42Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 43Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 44Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 45Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 46Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 47Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 48Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 70 page
background image
06h FT1-A
700701 h
13h FT1-B
700701 h
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Bit Name
FTA11
FTA10
FTA9
FTA8
FTA7
FTA6
FTA5
FTA4
Bit Name
FTA11
FTA10
FTA9
FTA8
FTA7
FTA6
FTA5
FTA4
Reset Value
0
1
1
1
0
0
0
0Reset Value
0
1
1
1
0
0
0
0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
07h FT2-A
7 h
14h FT2-B
7 h
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Bit Name
FTA3
FTA2
FTA1
FTA0
FTB11
FTB10
FTB9
FTB8
Bit Name
FTA3
FTA2
FTA1
FTA0
FTB11
FTB10
FTB9
FTB8
Reset Value
0
0
0
0
0
1
1
1Reset Value
0
0
0
0
0
1
1
1
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
08h FT3-A
1 h
15h FT3-B
1 h
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Bit Name
FTB7
FTB6
FTB5
FTB4
FTB3
FTB2
FTB1
FTB0
Bit Name
FTB7
FTB6
FTB5
FTB4
FTB3
FTB2
FTB1
FTB0
Reset Value
0
0
0
0
0
0
0
1Reset Value
0
0
0
0
0
0
0
1
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
09h RXONOFF-A
75 h
16h RXONOFF-B
75 h
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Bit Name
BANKA
RON3RON2RON1RON0
ROFF2
ROFF1
ROFF0
Bit Name
BANKB
RON3
RON2
RON1
RON0
ROFF2
ROFF1
ROFF0
Reset Value
0
1
1
1
1
1
1
1Reset Value
0
1
1
1
1
1
1
1
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
0Ah ID-A
C0 h
17h ID-B
C0 h
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Bit Name
IDL1
IDL0
ID5
ID4
ID3
ID2
ID1
ID0
Bit Name
IDL1
IDL0
ID5
ID4
ID3
ID2
ID1
ID0
Reset Value
1
1
0
0
0
0
0
0Reset Value
1
1
0
0
0
0
0
0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
0Bh HEADER-A
80 h
18h HEADER-B
80 h
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Bit Name
HDL1
HDL0
HD5
HD4
HD3
HD2
HD1
HD0
Bit Name
HDL1
HDL0
HD5
HD4
HD3
HD2
HD1
HD0
Reset Value
1
0
0
0
0
0
0
0Reset Value
1
0
0
0
0
0
0
0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
0Ch RSSI-A
80 h
19h RSSI-B
80 h
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Bit Name
RSSI7
RSSI6
RSSI5
RSSI4
RSSI3
RSSI2
RSSI1
RSSI0
Bit Name
RSSI7
RSSI6
RSSI5
RSSI4
RSSI3
RSSI2
RSSI1
RSSI0
Reset Value
0
0
0
0
0
0
0
0Reset Value
0
0
0
0
0
0
0
0
RRRR
RRRR
R[A]
R[A]
R[A]
R[A]
R[A]
R[A]
R[A]
R[A]
Bank A Registers
Bank B Registers
Figure 33. Bank Registers (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com