Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC33596FCE/R2 Datasheet(PDF) 23 Page - Freescale Semiconductor, Inc

Part # MC33596FCE/R2
Description  PLL Tuned UHF Receiver for Data Transfer Applications
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33596FCE/R2 Datasheet(HTML) 23 Page - Freescale Semiconductor, Inc

Back Button MC33596FCE/R2 Datasheet HTML 19Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 20Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 21Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 22Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 23Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 24Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 25Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 26Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 27Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 70 page
background image
Receive Mode
MC33596 Data Sheet, Rev. 4
Freescale Semiconductor
23
•
At the LNA output, the LNA AGC control voltage is used to monitor input signals in the range
–50 dBm to –20 dBm.
Therefore, the logarithmic amplifier provides information relative to the in-band signal, whereas the LNA
AGC voltage senses the input signal over a wider band.
The RSSI information given by the logarithmic amplifier is available in:
•
Analog form on pin RSSIOUT
•
Digital form in the four least significant bits of the status register RSSI
The information from the LNA AGC is available in digital form in the four most significant bits of status
register RSSI.
The whole content of status register RSSI provides 2 ¥ 4 bits of RSSI information about the incoming
signal (see Section 16.6, “RSSI Register”).
Figure 15 shows a simplified block diagram of the RSSI function.
The quasi peak detector (D1, R1, C1) has a charge time of about 20
μs to avoid sensitivity to spikes.
R2 controls the decay time constant of about 5 ms to allow efficient smoothing of the OOK modulated
signal at low data rates. This time constant is useful in continuous mode when S2 is permanently closed.
To allow high-speed RSSI updating in peak pulse measurement, a discharge circuit (S1) is required to reset
the measured voltage and to allow new peak detection.
Figure 15. RSSI Simplified Block Diagram
S2 is used to sample the RSSI voltage to allow peak pulse measurement (S2 used as sample and hold), or
to allow continuous transparent measurement (S2 continuously closed).
The 4-bit analog-to-digital convertor (ADC) is based on a flash architecture. The conversion time is
16
× Tdiglck. As a single convertor is used for the two analog signals, the RSSI register content is updated
on a 32
× Tdigclk timebase.
If RSSIE is reset, the whole RSSI module is switched off, reducing the current consumption. The output
buffer connected to RSSIOUT is set to high impedance.
Σ
RSSIOUT
ADC
RSSI Register
MSB
LSB
IF Filter Output
LNA AGC Out
S1
S2
R2
R1
C1
D1
C2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com