Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC33596FCE/R2 Datasheet(PDF) 55 Page - Freescale Semiconductor, Inc

Part # MC33596FCE/R2
Description  PLL Tuned UHF Receiver for Data Transfer Applications
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33596FCE/R2 Datasheet(HTML) 55 Page - Freescale Semiconductor, Inc

Back Button MC33596FCE/R2 Datasheet HTML 51Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 52Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 53Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 54Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 55Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 56Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 57Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 58Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 59Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 70 page
background image
Electrical Characteristics
MC33596 Data Sheet, Rev. 4
Freescale Semiconductor
55
19.6 Digital Input: CONFB, MOSI, SCLK, SEB, STROBE,
RSSIC
19.7 Digital Output
Operating supply voltage and temperature range see Table 3. Values refer to the circuit recommended in the application
schematic (see Figure 43 through Figure 46), unless otherwise specified. Typical values reflect average measurement at VCC =
3.0 V, TA =25°C.
Parameter
Test Conditions
Comments
Limits
Unit
Min
Typ
Max
7.7
Input low voltage
MOSI, SCLK, SEB, RSSIC(1)
NOTES:
1
Input levels of those pins are referenced to VCC2 which depends upon VCC (see Section 5, “Power Supply”).
—
—
0.4 x VCC2
V
7.8
Input high voltage
0.8 x VCC2
——
V
7.9
Input hysteresis
0.1 x VCC2
——
V
7.10 Input low voltage
CONFB, STROBE2
2
Input levels of those pins are referenced to VCCDIG2 which depends upon the circuit state (see Section 5, “Power Supply”).
—
—
0.4 x VCCDIG2
V
7.11 Input high voltage
0.8 x VCCDIG2
——
V
7.12 Input hysteresis
0.1 x VCCDIG2
——
V
7.5
Sink current
Configuration, receive, modes
1
—
100
nA
7.6
standby or LVD modes
0.5
—
10
nA
Operating supply voltage and temperature range see Table 3. Values refer to the circuit recommended in the application
schematic (see Figure 43 through Figure 46), unless otherwise specified. Typical values reflect average measurement at VCC =
3.0 V, TA =25°C.
Parameter
Test Conditions
Comments
Limits
Unit
Min
Typ
Max
Digital Output: DATACLK, LVD, MISO, MOSI, SCLK
8.1
Output low voltage
|ILOAD| =50 μA
—
—
0.2 x VCCIO
V
8.2
Output high voltage
0.8 x VCCIO
——
V
8.3
Fall and rise time
From 10% to 90% of the
output swing,
CLOAD = 10pF
—80
150
ns
Digital Output: SWITCH (VCC = 3V)
8.4
Output low voltage
|ILOAD| =50 μA
—
—
0.2 x VCC
V
8.5
Output high voltage
0.8 x VCC
——
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com