Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC33596FCE/R2 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MC33596FCE/R2
Description  PLL Tuned UHF Receiver for Data Transfer Applications
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33596FCE/R2 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MC33596FCE/R2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 12Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 13Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 70 page
background image
MC33596 Data Sheet, Rev. 4
State Machine
Freescale Semiconductor
10
Refer to Section 10, “State Machine,” and to Figure 2 for more details about all the conditions that must
be complied with in order to change between two selected modes.
The data transfer protocol for each mode is described in the following section.
10
State Machine
This section describes how the MC33596 controller executes sequences of operations, relative to the
selected mode. The controller is a finite state machine, clocked at Tdigclk. An overview is presented in
Figure 2 (note that some branches refer to other diagrams that provide more detailed information).
There are three different modes: configuration, receive, and standby/LVD. Each mode is exclusive and can
be entered in different ways, as follows.
•
External signal: CONFB for configuration mode
•
External signal and configuration bits: CONFB and TRXE for all other modes,
•
External signal and internal conditions: see Figure 3 and Figure 12 for information on how to
enter standby/LVD mode
After a Power-on Reset (POR), the circuit is in standby mode (see Figure 2) and the configuration register
contents are set to the reset value.
At any time, a low level applied to CONFB forces the finite state machine into configuration mode,
whatever the current state. This is not always shown in state diagrams, but must always be considered.
Refer to (Section 14, “Power-On Reset and MC33596 Startup”) for timing sequence between standy mode
and configuration mode.
Table 5. Serial Digital Interface Feature versus Selected Mode
Selected Mode
MC33596 Digital Interface Use
Configuration
SPI slave, data received on MOSI, SCLK from MCU, MISO is output (SEB=0)
Receive
DME = 1
SPI master, data sent on MOSI with clock on SCLK (SEB=0)
DME = 0
SPI deselected, received data are directly sent to MOSI (SEB=0)
Standby / LVD
SPI deselected, all I/O are high impedance (SEB =1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com