Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC33596FCE/R2 Datasheet(PDF) 24 Page - Freescale Semiconductor, Inc

Part # MC33596FCE/R2
Description  PLL Tuned UHF Receiver for Data Transfer Applications
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33596FCE/R2 Datasheet(HTML) 24 Page - Freescale Semiconductor, Inc

Back Button MC33596FCE/R2 Datasheet HTML 20Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 21Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 22Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 23Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 24Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 25Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 26Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 27Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 28Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 70 page
background image
MC33596 Data Sheet, Rev. 4
Receive Mode
Freescale Semiconductor
24
11.4.2 Operation
Two modes of operation are available: sample mode and continuous mode.
11.4.2.1 Sample Mode
Sample mode allows the peak power of a specific pulse in an incoming frame to be measured.
The quasi peak detector is reset by closing S1. After 7
× Tdigclk, S1 is released. S2 is closed when RSSIC
is set high. On the falling edge of RSSIC, S2 is opened. The voltage on RSSIOUT is sampled and held.
The last RSSI conversion results are stored in the RSSI register and no further conversion is done.
The RSSI register is updated every 32
× Tdigclk. Therefore, the minimum duration of the high pulse on
RSSIC is 32
× Tdigclk.
Figure 16. RSSI Operation in Sample Mode
11.4.2.2 Continuous Mode
Continuous mode is used to make a peak measurement on an incoming frame, without having to select a
specific pulse to be measured.
The quasi peak detector is reset by closing S1. After 7
× Tdigclk, S1 is opened. S2 is closed when RSSIC
is set high. As long as RSSIC is kept high, S2 is closed, and RSSIOUT follows the peak value with a decay
time constant of 5 ms.
The ADC runs continuously, and continually updates the RSSI register. Thus, reading this register gives
the most recent conversion value, prior to the register being read. The minimum duration of the high pulse
on CONFB is 32
× Tdigclk.
Closed
7 x tdigclk
Updated
Frozen
Sampled and Hold RSSI Voltage
Peak Detector
Reset
Sampling
Open
Open
Frozen
Open
Closed
Closed
RSSIC
S1
S2
RSSI Register
RSSIOUT
CONFB
MOSI
MISO
CMD
RSSI Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com