Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC33596FCE/R2 Datasheet(PDF) 57 Page - Freescale Semiconductor, Inc

Part # MC33596FCE/R2
Description  PLL Tuned UHF Receiver for Data Transfer Applications
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33596FCE/R2 Datasheet(HTML) 57 Page - Freescale Semiconductor, Inc

Back Button MC33596FCE/R2 Datasheet HTML 53Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 54Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 55Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 56Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 57Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 58Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 59Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 60Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 61Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 70 page
background image
Application Schematics
MC33596 Data Sheet, Rev. 4
Freescale Semiconductor
57
Figure 41. Digital Interface Timing Diagram in Configuration Mode
Figure 42. Digital Interface Timing Diagram in Receive Mode (DME = 1)
20
Application Schematics
Examples of application schematics are proposed for Receiver.
Note: The external pullup resistor set on SEB pin (R2) is not mandatory. Instead of R2, an external
pulldown resistor of 10 k may be connected between SEB pin and ground.
20.1 Receiver Schematics
Figure 43 and Figure 44 show the application schematic in receive mode for 3 V operation.
SCLK
MOSI
MISO
SEB
CONFB
9.10
9.8
9.3
9.9
9.2
9.7
9.4
9.5
STROBE
SEB
SCLK
CONFB
(input)
MOSI
(output)
9.6
9.3
STROBE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com