Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC3003GMLTR Datasheet(PDF) 46 Page - Micrel Semiconductor

Part # MIC3003GMLTR
Description  FOM Management IC with Internal Calibration
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3003GMLTR Datasheet(HTML) 46 Page - Micrel Semiconductor

Back Button MIC3003GMLTR Datasheet HTML 42Page - Micrel Semiconductor MIC3003GMLTR Datasheet HTML 43Page - Micrel Semiconductor MIC3003GMLTR Datasheet HTML 44Page - Micrel Semiconductor MIC3003GMLTR Datasheet HTML 45Page - Micrel Semiconductor MIC3003GMLTR Datasheet HTML 46Page - Micrel Semiconductor MIC3003GMLTR Datasheet HTML 47Page - Micrel Semiconductor MIC3003GMLTR Datasheet HTML 48Page - Micrel Semiconductor MIC3003GMLTR Datasheet HTML 49Page - Micrel Semiconductor MIC3003GMLTR Datasheet HTML 50Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 75 page
background image
Micrel, Inc.
MIC3003
November 2009
46
M9999-111209-C
hbwhelp@micrel.com or (408) 955-1690
ADC Result Registers
Temperature Result
D[7]
read-only
D[6]
read-only
D[5]
read-only
D[4]
read-only
D[3]
read-only
D[2]
read-only
D[1]
read-only
D[0]
read-only
Serial address
A2h
Byte addresses
MS byte (TEMPh): 96 = 60h
LS byte (TEMPl): 97 = 61h
Each LS bit of TEMPh represents one degree Celsius. The TEMPh register is to be used in conjunction with the most
significant bit of TEMPl to yield an eight-bit or nine-bit signed (two’s complement) temperature value.
If OEMCFG6 bit 1 is set to zero, temperature is read to 1 °C resolution in TEMPh only, and TEMPl is zero.
If OEMCFG6 bit 1 is set to one, then temperature is read to 0.5 °C resolution as a nine-bit value consisting of TEMPh and the
MS bit of TEMPl. The lower seven bits of TEMPl are zero.
TEMPh will contain measured temperature data after the completion of one conversion.
Voltage
D[7]
read-only
D[6]
read-only
D[5]
read-only
D[4]
read-only
D[3]
read-only
D[2]
read-only
D[1]
read-only
D[0]
read-only
Default Value
0000 0000b = 00h (0V)(2)
Serial address
A2h
Byte addresses
MS byte (VINh): 98 = 62h
LS byte (VINl): 99 = 63h
Each LSB of VINh represents 25.6 mV, and each LS bit of VINl represents 0.1 mV. VINh is used in conjunction with VINl to
yield an unsigned sixteen-bit value.
In external calibration mode, the host should process the results using the appropriate slope and offset coefficients. VINh
contains the eight-bit ADC result and VINl is zero.
In internal calibration mode, the MIC3003’s ALU applies the coefficients stored in (VSLPh:VSLPl) and (VOFFh:VOFFl).
The VIN registers will contain valid data after one ADC conversion cycle.
Notes:
1. TEMPh will contain measured temperature data after the completion of one conversion.
2. VINh will contain measured data after one A/D conversion cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com