Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC3003GMLTR Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # MIC3003GMLTR
Description  FOM Management IC with Internal Calibration
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3003GMLTR Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button MIC3003GMLTR Datasheet HTML 7Page - Micrel Semiconductor MIC3003GMLTR Datasheet HTML 8Page - Micrel Semiconductor MIC3003GMLTR Datasheet HTML 9Page - Micrel Semiconductor MIC3003GMLTR Datasheet HTML 10Page - Micrel Semiconductor MIC3003GMLTR Datasheet HTML 11Page - Micrel Semiconductor MIC3003GMLTR Datasheet HTML 12Page - Micrel Semiconductor MIC3003GMLTR Datasheet HTML 13Page - Micrel Semiconductor MIC3003GMLTR Datasheet HTML 14Page - Micrel Semiconductor MIC3003GMLTR Datasheet HTML 15Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 75 page
background image
Micrel, Inc.
MIC3003
November 2009
11
M9999-111209-C
hbwhelp@micrel.com or (408) 955-1690
Voltage Input, VIN (Pin 14 used as an ADC Input)
Symbol
Parameter
Condition
Min
Typ
Max
Units
VIN
Input Voltage Range
–0.3 V ≤ VDD ≤ 3.6V
GNDA
5.5
V
ILEAK
Input Current
VIN = VDD or GND; VAUX = VIN
55
µA
CIN
Input Capacitance
10
pF
Digital-to-Voltage Converter Characteristics (VMOD, VBIAS)
Accuracy
–40°C ≤ TA ≤ +105°C, Note 7
±1
2.0
%fs
tCONV
Conversion Time
Note 8
20
ms
DNL
Differential Non-linearity Error
Note 8
±0.5
±1
LSB
Bias Current Sense Inputs, VILD+, VILD–
VILD
Differential Input Signal Range,
| VILD+ – VILD– |
0
VREF/4
mV
IIN+
VILD+ input current
±1
µA
VILD– referred to VDDA
+150
µA
IIN–
VILD– input current
| VILD+ – VILD– | = 0.3V
VILD– referred to GND
-150
µA
CIN
Input Capacitance
10
pF
APC Op Amp, FB, VBIAS, COMP
GBW
Gain Bandwidth Product
CCOMP = 20pF; Gain = 1
1
MHz
TCVOS
Input Offset Voltage Temperature
Coefficient(4)
1
µV/°C
IOUT = 10mA, SRCE bit = 1
GNDA
1.25
V
VOUT
Output Voltage Swing
IOUT = -10mA, SRCE bit = 0
VDDA -1.25
VDDA
V
ISC
Output Short-Circuit Current
55
mA
tSC
Short Circuit Withstand Time
TJ ≤ 150°C, Note 8
sec
CCOMP = 20pF; gain = 1, to GND
55
dB
PSRR
Power Supply Rejection Ratio
CCOMP = 20pF; gain = 1, to VDD
40
AMIN
Minimum Stable Gain
CCOMP = 20pF, note 8
1
V/V
ΔV/Δt
Slew Rate
CCOMP = 20pF; gain = 1
3
V/µs
ΔRFB
Internal Feedback Resistor
Tolerance
±20
%
ΔRFB/Δt
Internal Feedback Resistor
Temperature Coefficient
25
ppm/C
START = 01h
0.375
mA
START = 02h
0.750
mA
START = 04h
1.500
mA
ISTART
Laser Start-up Current Magnitude
START = 08h
3.000
mA
CIN
Pin Capacitance
10
pF
Notes:
7. Does not include quantization error.
8. Guaranteed by design and/or testing of related parameters. Not 100% tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com