Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC3003GMLTR Datasheet(PDF) 61 Page - Micrel Semiconductor

Part # MIC3003GMLTR
Description  FOM Management IC with Internal Calibration
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3003GMLTR Datasheet(HTML) 61 Page - Micrel Semiconductor

Back Button MIC3003GMLTR Datasheet HTML 57Page - Micrel Semiconductor MIC3003GMLTR Datasheet HTML 58Page - Micrel Semiconductor MIC3003GMLTR Datasheet HTML 59Page - Micrel Semiconductor MIC3003GMLTR Datasheet HTML 60Page - Micrel Semiconductor MIC3003GMLTR Datasheet HTML 61Page - Micrel Semiconductor MIC3003GMLTR Datasheet HTML 62Page - Micrel Semiconductor MIC3003GMLTR Datasheet HTML 63Page - Micrel Semiconductor MIC3003GMLTR Datasheet HTML 64Page - Micrel Semiconductor MIC3003GMLTR Datasheet HTML 65Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 75 page
background image
Micrel, Inc.
MIC3003
November 2009
61
M9999-111209-C
hbwhelp@micrel.com or (408) 955-1690
Fault Suppression Timer (FLTTMR)
Fault Suppression Interval in Increments of 0.5 ms
D[7]
read/write
D[6]
read/write
D[5]
read/write
D[4]
read/write
D[3]
read/write
D[2]
read/write
D[1]
read/write
D[0]
read/write
Default value
0000 0000b = 00h
Serial address
A6h
Byte address
10 = 0Ah
Saturation faults are suppressed for a time, tFLTTMR, following laser turn-on. This avoids nuisance tripping while the APC loop
starts up. The length of this interval is (FLTTMR x 0.5 ms), typical. A value of zero will result in no fault suppression.
A valid OEM password is required for access to this register. This register is non-volatile and will be maintained through power
and reset cycles.
Fault Mask (FLTMSK)
D[7]
OEMIM
read/write
D[6]
POHE
read/write
D[5]
reserved
D[4]
reserved
D[3]
SATMSK
read/write
D[2]
TXMSK
read/write
D[1]
IAMSK
read/write
D[0]
DFMSK
read/write
Default value
0000 0000b = 00h
Serial address
A6h
Byte address
11 = 0Bh
A valid OEM password is required for access to this register. This register is non-volatile and will be maintained through power
and reset cycles.
Bit
Function
Operation
D[7]
OEMIM
OEM interrupt mask
1 = Interrupts are masked
0 = Interrupts are enabled
This bit is similar to the IE (Global Interrupt Enable) bit in the
User Control Register. The /INT output can only be asserted
if IE is high and OEMIM is low.
D[6]
POHE
OEM Power-on Hour Meter enable
1 = Power-on Hour Meter enabled
0 = Power-on Hour Meter disabled
D[5:4]
D[5:4]
Reserved
Always write as zero; reads undefined
D[3]
SATMSK
APC saturation fault mask
1 = masked; 0 = enabled
D[2]
TXMSK
High TX optical power fault mask
1 = masked; 0 = enabled
D[1]
IAMSK
High bias current high fault mask
1 = masked; 0 = enabled
D[0]
DFMSK
Diode fault mask
1 = masked; 0 = enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com