Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC3003GMLTR Datasheet(PDF) 59 Page - Micrel Semiconductor

Part # MIC3003GMLTR
Description  FOM Management IC with Internal Calibration
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3003GMLTR Datasheet(HTML) 59 Page - Micrel Semiconductor

Back Button MIC3003GMLTR Datasheet HTML 55Page - Micrel Semiconductor MIC3003GMLTR Datasheet HTML 56Page - Micrel Semiconductor MIC3003GMLTR Datasheet HTML 57Page - Micrel Semiconductor MIC3003GMLTR Datasheet HTML 58Page - Micrel Semiconductor MIC3003GMLTR Datasheet HTML 59Page - Micrel Semiconductor MIC3003GMLTR Datasheet HTML 60Page - Micrel Semiconductor MIC3003GMLTR Datasheet HTML 61Page - Micrel Semiconductor MIC3003GMLTR Datasheet HTML 62Page - Micrel Semiconductor MIC3003GMLTR Datasheet HTML 63Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 75 page
background image
Micrel, Inc.
MIC3003
November 2009
59
M9999-111209-C
hbwhelp@micrel.com or (408) 955-1690
APC Setpoint 0, 1, and 2 (APCSET0, APCSET1, APCSET2)
Automatic Power Control Setpoint
D[7]
read/write
D[6]
read/write
D[5]
read/write
D[4]
read/write
D[3]
read/write
D[2]
read/write
D[1]
read/write
D[0]
read/write
Default value for all three bytes
0000 0000b = 00h
Serial address
A6h
Byte addresses
APCSET0: 3 = 03h
APCSET1: 4 = 04h
APCSET2: 5 = 05h
When the APC is on, the eight-bit signed integer compensation value corresponding to the current temperature is taken from
the BIASLUT look-up table, added to the selected APCSET (0, 1, or 2) register and loaded into the VBIAS DAC.
If DAC Calibration mode is selected in OEMCAL0, a write to any one of the three APCSETn registers will cause the VBIAS DAC
to be updated immediately. DAC Calibration mode disables the output of the BIASLUT lookup table, so the unmodified
APCSETn register value propagates directly to the DAC.
The eight-bit value presented to the VBIAS DAC is always available for readback in the APCDAC register.
A valid OEM password is required for access to these registers. These registers are non-volatile and will be maintained through
power and reset cycles.
Modulation Setpoint 0, 1, and 2 (MODSET0, MODSET1, and MODSET2)
Nominal VMOD Setpoint
D[7]
read/write
D[6]
read/write
D[5]
read/write
D[4]
read/write
D[3]
read/write
D[2]
read/write
D[1]
read/write
D[0]
read/write
Default value for all three bytes
0000 0000b = 00h
Serial address
A6h
Byte address
MODSET0: 6 = 06h
MODSET1: 30 = 1Eh
MODSET2: 31 = 1Fh
When the APC is on, the eight-bit signed integer compensation value corresponding to the current temperature is taken from
the MODLUT look-up table, added to the selected MODSET (0, 1, or 2) register and loaded into the VMOD DAC.
If DAC Calibration mode is selected in OEMCAL0, a write to any one of the three MODSETn registers will cause the VMOD DAC
to be updated immediately. DAC Calibration mode disables the output of the MODLUT lookup table, so the unmodified
MODSETn register value propagates directly to the DAC.
The eight-bit value presented to the VMOD DAC is always available for readback in the MODDAC register.
A valid OEM password is required for access to these registers. These registers are non-volatile and will be maintained through
power and reset cycles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com